Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 7Page - Texas Instruments ADC14X250 Datasheet HTML 8Page - Texas Instruments ADC14X250 Datasheet HTML 9Page - Texas Instruments ADC14X250 Datasheet HTML 10Page - Texas Instruments ADC14X250 Datasheet HTML 11Page - Texas Instruments ADC14X250 Datasheet HTML 12Page - Texas Instruments ADC14X250 Datasheet HTML 13Page - Texas Instruments ADC14X250 Datasheet HTML 14Page - Texas Instruments ADC14X250 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
11
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
Specification applies to the electrical level diagram of Figure 1
(2)
The voltage present at the pins should not exceed Absolute Maximum limits
(3)
This parameter is verified by design.
(4)
Specification applies to the electrical circuit diagram of Figure 2
6.9 Digital Input Characteristics
Unless otherwise noted, these specifications apply for VA3.0 = 3 V; VA1.8 = 1.8 V; VA1.2 = 1.2 V; FCLKIN = FS = 250 MSPS.
Typical values are at TA = 25°C. Limit values specified for the temperature range TA-MIN = –40°C to TP-MAX = 105°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLKIN+/-
VID-MAX
Maximum Input differential voltage(1)(2)
Differential peak voltage
1000
mV
VID-MIN
Minimum Input differential voltage(1)
Differential peak voltage
250
mV
dVSS/dt
Recommended minimum edge slew rate at the zero crossing(1)
1
V/ns
VIS-BIAS
Input offset voltage internal bias (1)
Internally biased
0.5
V
VIS-IN
Externally applied input offset voltage(2)(3)
Allowable common mode voltage range for DC coupled interfaces
0.5 ± 0.1
V
Zrdiff
Differential termination resistance at DC(4)
100
Ω
Ztt
Common-mode bias source impedance(4)(3)
11
k
Ω
CT
Differential termination capacitance(3)
1.5
pF
SYSREF+/-
VID-MAX
Maximum Input differential voltage(1)(2)
Differential peak voltage
1000
mV
VID-MIN
Minimum Input differential voltage(1)
Differential peak voltage
250
mV
VIS-BIAS
Input offset voltage bias (1)
Internally biased
0.5
V
VIS-IN
Externally applied input offset voltage(2)(3)
Allowable common mode voltage range for DC coupled interfaces
0.5 ± 0.1
V
Zrdiff
Differential termination resistance at DC(4)
2.2
k
Ω
Ztt
Common-mode bias source impedance(4)(3)
11
k
Ω
CT
Differential termination capacitance(4)(3)
0.8
pF
SYNCb+/-
VID
Input differential voltage (1)(2)
Differential peak voltage
350
mV
VIS-IN
Externally applied input offset voltage(1)(2)
1.25 ±
0.75
V
Zrdiff
Differential termination resistance(4)
110
Ω
CT
Differential termination capacitance(4)(3)
1.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com