Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 33Page - Texas Instruments ADC14X250 Datasheet HTML 34Page - Texas Instruments ADC14X250 Datasheet HTML 35Page - Texas Instruments ADC14X250 Datasheet HTML 36Page - Texas Instruments ADC14X250 Datasheet HTML 37Page - Texas Instruments ADC14X250 Datasheet HTML 38Page - Texas Instruments ADC14X250 Datasheet HTML 39Page - Texas Instruments ADC14X250 Datasheet HTML 40Page - Texas Instruments ADC14X250 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
37
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
8.5.1.12 SER_CFG (Serial Lane Transmitter Configuration), [Address: 0x0047], [Default: 0x00]
Table 18. SER_CFG (Serial Lane Transmitter Configuration), [Address: 0x0047], [Default: 0x00]
Bit
Field
Type
Reset
Description
[7]
Reserved
Read or write
0
Reserved. Must be written as 0.
[6:4]
VOD[2:0]
Read or write
000
Serial-lane transmitter driver output differential peak-peak-voltage amplitude.
000 : 0.570 V (default)
001 : 0.660 V
010 : 0.750 V
011 : 0.840 V
100 : 0.940 V
101 : 1.02 V
110 : 1.11 V
111 : 1.20 V
Reported voltage values are nominal values at low-lane rates with de-emphasis
disabled
[3]
Reserved
Read or write
0
Reserved and must be written as 0.
[2:0]
DEM[2:0]
Read or write
000
Serial lane transmitted de-emphasis.
De-emphasis value are for VOD configured to 100.
DEM
De-emphasis [dB]
000
0.0
001
1.4
010
3.4
011
4.9
100
5.9
101
7.4
110
8.9
111
12.1
8.5.1.13 JESD_CTRL1 (JESD Configuration Control 1) , [Address: 0x0060], [Default: 0x7D]
Table 19. JESD_CTRL1 (JESD Configuration Control 1) , [Address: 0x0060], [Default: 0x7D]
Note: Before altering any parameters in this register, one must set JESD_EN = 0. Changing parameters while JESD_EN = 1 is not
supported.
Bit
Field
Type
Reset
Description
[7]
SCR_EN
Read or write
0
Scrambler enable.
0 : Disabled (default)
1 : Enabled
Note:
•
JESD_EN must be set to 0 before altering this field.
[6:2]
K_M1[4:0]
Read or write
11111
Number of frames per multi-frame, K – 1.
The binary values of K_M1 represent the value (K – 1)
00000 : Reserved
00001 : Reserved
…
00111 : Reserved
01000 : K = 9
…
11111 : K = 32 (default)
Note:
•
K must be in the range 9 to 32. Values outside this range are
either reserved or may produce unexpected results.
•
JESD_EN must be set to 0 before altering this field.
[1]
Reserved
Read or write
0
Reserved and must be written as 0.
[0]
JESD_EN
Read or write
1
JESD204B link enable.
When enabled, the JESD204B link synchronizes and transfers data
normally. When the link is disabled, the serial transmitters output a
repeating, alternating 01010101 stream.
0 : Disabled
1 : Enabled (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com