Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 10Page - Texas Instruments ADC14X250 Datasheet HTML 11Page - Texas Instruments ADC14X250 Datasheet HTML 12Page - Texas Instruments ADC14X250 Datasheet HTML 13Page - Texas Instruments ADC14X250 Datasheet HTML 14Page - Texas Instruments ADC14X250 Datasheet HTML 15Page - Texas Instruments ADC14X250 Datasheet HTML 16Page - Texas Instruments ADC14X250 Datasheet HTML 17Page - Texas Instruments ADC14X250 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
VI
+
VI
-
VIS
VID
GND
VID = |VI
+
± VI
-|
VIS = |VI
+ + V
I
-| / 2
VI
-
VSS
dVSS/dt
VI
+
VI
+ referenced to V
I
-
VSS = 2*|VI
+
± VI
-|
VI
+ and V
I
- referenced to GND
14
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Timing Requirements (continued)
Unless otherwise noted, these specifications apply for VA3.0= 3 V; VA1.8 = 1.8 V; VA1.2 = 1.2 V; FCLKIN = FS = 250 MSPS. VSPI =
1.8 V
(1). Typical values are at T
A = 25°C. Limit values specified for the temperature range TA-MIN = –40°C to TP-MAX = 105°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tH-SYNCb
SYNCb assertion hold time
Required SYNCb hold time after assertion before de-assertion to
initiate a link re-synchronization.
4
Frame clock
cycles
tILA
ILA duration
Duration of the ILA sequence .
4
Multi-frame
clock cycles
SERIAL OUTPUT DATA TIMING CHARACTERISTICS
FSR
Serial bit rate
1.0
5.0
Gb/s
UI
Unit Interval
5.0 Gb/s Data Rate
200
ps
tR, tF
Edge transition rise and fall times
40
ps
DJ
Deterministic jitter
Includes periodic jitter (PJ), data dependent jitter (DDJ), duty cycle
distortion (DCD), and inter-symbol interference (ISI); 5.0 Gb/s data
rate.
0.032
p-p UI
6.33
p-p ps
RJ
Random jitter
Assumes BER of 1e-15 (Q = 15.88); 5.0 Gb/s data rate
0.118
p-p UI
1.48
rms ps
TJ
Total jitter
Sum of DJ and RJ. Assumes BER of 1e-15 (measured Q = 15.6); 5.0
Gb/s data rate.
0.148
p-p UI
29.56
p-p ps
SPI BUS TIMING CHARACTERISTICS (1)
fSCLK
Serial clock frequency
fSCLK = 1 / tP
20
MHz
tPH
SCLK pulse width – high
10
ns
tPL
SCLK pulse width – low
10
ns
tSSU
SDI input data setup time
5
ns
tSH
SDI input data hold time
5
ns
tODZ
SDO output data driven-to-3-state time
15
ns
tOZD
SDO output data 3-state-to-driven time
15
ns
tOD
SDO output data delay time
20
ns
tCSS
CSB setup time
5
ns
tCSH
CSB hold time
5
ns
tIAG
Inter-access gap
Minimum time CSB must be de-asserted between accesses
5
ns
Figure 1. Electrical Level Diagram for Differential Input Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com