Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 55 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 51Page - Texas Instruments ADC14X250 Datasheet HTML 52Page - Texas Instruments ADC14X250 Datasheet HTML 53Page - Texas Instruments ADC14X250 Datasheet HTML 54Page - Texas Instruments ADC14X250 Datasheet HTML 55Page - Texas Instruments ADC14X250 Datasheet HTML 56Page - Texas Instruments ADC14X250 Datasheet HTML 57Page - Texas Instruments ADC14X250 Datasheet HTML 58Page - Texas Instruments ADC14X250 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
ADC14X250
(ADC)
BPF
DVGA
BPF
BPF
LNA
JESD204
SYSTEM
CLOCK
GENERATOR
FPGA /
ASIC
De-Modulator
PA
BPF
DAC
DVGA
BPF
BPF
Modulator
BPF
ATT
BPF
DVGA
De-Modulator
ADC14X250
(ADC)
TRANSMITTER
RECEIVER
RF PLL
SYNTH
55
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Typical Applications (continued)
(1)
These example design requirements do not represent the capabilities of the ADC14X250, rather the requirements are satisfied by the
ADC14X250.
Figure 56. High IF Receiver and Transmitter With Digital Pre-Distortion Path
9.2.1 Design Requirements
The following are example design requirements expected of the ADC in a typical high-IF, 100-MHz bandwidth
receiver, and is met by the ADC14X250 device:
Table 27. Example Design Requirements for a High-IF Application
Specification
Example Design Requirement(1)
ADC14X250 Capability
Sampling Rate
250-MSPS
Up to 250-MSPS
Input Bandwidth
> 400-MHz, 1-dB flatness
500-MHz, 1dB Bandwidth
Full Scale Range
< 2-Vpp-diff
1.7-Vpp-diff
Small Signal Noise Spectral Density
< –150-dBFS/Hz
–152.1-dBFS/Hz
Large Signal SNR
> 69-dBFS for a –3 dBFS, 240-MHz Input
70.1-dBFS for a –3 dBFS, 240-MHz Input
SFDR
> 80-dBFS for a –3 dBFS, 240-MHz input
87-dBFS for a –3 dBFS, 240-MHz input
HD2, HD3
< –80-dBFS for a –3 dBFS, 240-MHz input
–87-dBFS for a –3 dBFS, 240-MHz input
Next Largest SPUR
< –85-dBFS for a –3 dBFS, 240-MHz input
–92-dBFS for a –3 dBFS, 240-MHz input
Digital Interface
JESD204B interface, 1 lane/channel, < 10-
Gb/s bit rate
JESD204B subclass 1 interface, 1 lane, 5.0-Gb/s
bit rate
Configuration Interface
SPI configuration, 4-wire, 1.8-V logic, SCLK up
to 20-MHz
SPI configuration, 4-Wire, 1.8-V Logic, SCLK > 20-
MHz
Package Size
< 8 × 8 × 1 mm
5 × 5 × 0.8 mm
9.2.2 Design Procedure
The following procedure can be followed to design the ADC14X250 device into most applications:
•
Choose an appropriate ADC driver and analog input interface.
–
Optimize the signal chain gain leading up to the ADC to make use of the full ADC dynamic range.
–
Identify whether DC or AC coupling is required.
–
Determine the desired analog input interface, such as a bandpass filter or a transformer.
–
Use the provided input network models to design and verify the interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com