Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 44 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 40Page - Texas Instruments ADC14X250 Datasheet HTML 41Page - Texas Instruments ADC14X250 Datasheet HTML 42Page - Texas Instruments ADC14X250 Datasheet HTML 43Page - Texas Instruments ADC14X250 Datasheet HTML 44Page - Texas Instruments ADC14X250 Datasheet HTML 45Page - Texas Instruments ADC14X250 Datasheet HTML 46Page - Texas Instruments ADC14X250 Datasheet HTML 47Page - Texas Instruments ADC14X250 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
VIN+
VIN-
VCM
ADC
0.1uF
10uF
10uF
10 :
MABA007159
MABA007159
0.01uF
0.01uF
0.1uF
33 :
33 :
Z0 = 50 :
44
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
The insertion loss between an ADC driver and the ADC input is important because the driver must overcome the
insertion loss of the connecting network to drive the ADC to full-scale and achieve the best SNR. Minimizing the
loss through the network reduces the output swing and distortion requirements of the driver and usually
translates to a system-level power savings in the driver. This can be accomplished by selecting transformers or
filter designs with low insertion loss. Some filter designs may employ reduced source terminations or impedance
conversions to minimize loss. Many designs require the use of high-Q inductors and capacitors to achieve an
expected passband flatness and profile.
Figure 43. Transformer Input Network
Sampling theory states that if a signal with frequency fIN is sampled at a rate less than 2 × fIN, then it experiences
aliasing, causing the signal to fall at a new frequency between 0 and FS / 2 and become indistinguishable from
other signals at that new frequency.
To prevent out-of-band interference from aliasing onto a desired signal at a particular frequency, an anti-aliasing
filter is required at the ADC input to attenuate the interference to a level below the level of the desired signal.
This is accomplished by a lowpass filter in systems with desired signals from DC to FS / 2 or with a bandpass
filter in systems with desired signals greater than FS / 2 (under-sampled signals). If an appropriate anti-aliasing
filter is not included in the system design, the system may suffer from reduced dynamic range due to additional
noise and distortion that aliases into the frequency bandwidth of interest.
An anti-aliasing filter is required in front of the ADC input in most applications to attenuate noise and distortion at
frequencies that alias into any important frequency band of interest during the sampling process. An anti-aliasing
filter is typically a LC lowpass or bandpass filter with low insertion loss. The bandwidth of the filter is typically
designed to be less than FS / 2 to allow room for the filter transition band. Figure 44 is an example architecture of
a 9 pole order LC bandpass anti-aliasing filter with added transmission zeros that can achieve a tight filtering
profile for second Nyquist zone under-sampling applications.
Maximizing the distortion performance of this device requires the avoidance of driving circuits that are mostly
capacitive at frequencies near and above the sampling rate. The performance is maximized by ensuring the
driving circuit is high impedance or mostly resistive (real impedance) at these out-of-band frequencies. Driving
circuits with highly capacitive source impedances (negative source reactance) at these frequencies can cause
resonance with the interface, leading to sub-optimal distortion performance. In the case of bandpass LC anti-
aliasing filters, the impedance looking into the filter output is recommended to be high impedance or real at
frequencies near and above the sampling rate such as the filter shown in Figure 42 . Capacitors placed directly
at the ADC input used as bandwidth limiters or as part of a filter's final stage LC tank are not recommended.
Applications that use lumped reactive components (capacitors, inductors) in the interface to the ADC are
recommended to have a small series resistor at the ADC input, also shown in Figure 42 . Place these resistors
close to the device pins, between the external termination resistors and the device pins. A value of 5
Ω is
sufficient for most applications, though TI recommends 10
Ω for applications where the lumped differential
capacitance at the ADC input is unavoidable and greater than 2 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com