Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 56 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 52Page - Texas Instruments ADC14X250 Datasheet HTML 53Page - Texas Instruments ADC14X250 Datasheet HTML 54Page - Texas Instruments ADC14X250 Datasheet HTML 55Page - Texas Instruments ADC14X250 Datasheet HTML 56Page - Texas Instruments ADC14X250 Datasheet HTML 57Page - Texas Instruments ADC14X250 Datasheet HTML 58Page - Texas Instruments ADC14X250 Datasheet HTML 59Page - Texas Instruments ADC14X250 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
56
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
–
Refer to the interface recommendations in Analog Input Considerations.
•
Determine the core sampling rate of the ADC.
–
Must satisfy the bandwidth requirements of the application .
–
Must also provide enough margin to prevent aliasing or to accommodate the transitions bands of an anti-
aliasing filter.
–
Ensure the application initialization sequence properly handles ADC core calibration as described in ADC
Core Calibration.
•
Determine the system latency requirements.
–
Total allowable latency through the ADC and JESD204B link.
–
Is the system tolerant of latency variation over time or conditions or between power cycles?
•
Determine the desired JESD204B link configuration as discussed in JESD204B Supported Features.
–
Based on the system latency requirements, determine whether deterministic latency is required across the
JESD204B link.
–
Choose the number of frames per multi-frame, K.
–
Choose whether scrambling is desired.
•
Choose an appropriate clock generator, CLKIN interface, and SYSREF interface.
–
Determine the system clock distribution scheme and the clock frequencies for the CLKIN and SYSREF
inputs.
–
Determine the allowable amount of sampling clock phase noise in the system and then select a CLKIN
edge rate that satisfies this requirement as discussed in Clock Noise and Edge Rate.
–
Choose an appropriate CLKIN interface as discussed in Driving the CLKIN+ and CLKIN– Input.
–
Based on the latency requirements, determine whether SYSREF must meet setup and hold requirements
relative to CLKIN.
–
Choose the SYSREF signal type as discussed in SYSREF Signaling.
–
Choose an appropriate SYSREF interface as discussed in Driving the SYSREF Input.
–
Choose a CLKIN and SYSREF clock generator based on the above requirements. The signals need come
from the same generator in some cases.
–
Determine what clock idle modes are supported by the SYSREF clock generator and choose the
appropriate setting for the SYSREF Offset feature as discussed in Effectively Using the SYSREF Offset
and Detection Gate Features .
•
Design the SYNCb interface as discussed in Driving the SYNCb Input.
•
Choose appropriate configurations for the output serial data interface.
–
Design the serial lane interface according to Output Serial-Lane Interface.
–
Choose the required PCB materials, keeping in mind the desired rate of the serial lanes.
–
Characterize the signal lane channels the connect the ADC serial output transmitters to the receiving
device either through simulation or bench characterization.
–
Optimize the VOD and DEM parameters to achieve the required signal integrity according to Voltage
Swing and De-Emphasis Optimization.
•
Design the SPI bus interface.
–
Verify the electrical and functional compatibility of the ADC SPI with the SPI controller.
–
Interface the ADC to the SPI bus according to SPI.
–
Ensure that the application initialization sequence properly configures the output SDO voltage before the
first read command.
•
Design the power supply architecture and de-coupling.
–
Choose appropriate power supply and supply filtering devices to provide stable, low-noise supplies as
described in Power Supply Design.
–
Design the capacitive de-coupling around the ADC, also described in Power Supply Design, while paying
close attention to placing the capacitors as close to the device as possible.
–
Time the power architecture to satisfy the power sequence requirements described in Power Supply
Design.
•
Ensure that the application initialization sequence satisfies the JESD204B link initialization requirements
described in JESD204B Link Initialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com