Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 22Page - Texas Instruments ADC14X250 Datasheet HTML 23Page - Texas Instruments ADC14X250 Datasheet HTML 24Page - Texas Instruments ADC14X250 Datasheet HTML 25Page - Texas Instruments ADC14X250 Datasheet HTML 26Page - Texas Instruments ADC14X250 Datasheet HTML 27Page - Texas Instruments ADC14X250 Datasheet HTML 28Page - Texas Instruments ADC14X250 Datasheet HTML 29Page - Texas Instruments ADC14X250 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
26
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Feature Description (continued)
Table 1 indicates the typical measured values for the de-emphasis range, where the de-emphasis value is
measured as the ratio (in units of [dB]) between the peak voltage after the signal transition to the settled voltage
value in one bit period. The data rate for this measurement is 1.2 Gb/s to allow settling of the de-emphasis
transient. Table 1 illustrates the actual de-emphasis value in terms of voltage attenuation and shows dependence
on the amplitude setting, but does not reflect the optimal amplitude setting (VOD) and de-emphasis setting
(DEM) for a particular lossy channel. Table 2 shows the amplitude of the differential signal swing during its
settled state after the transition transient. The measurement is performed at 1.2 Gb/s and the units are in
differential peak-to-peak mV.
Table 1. De-Emphasis Values (dB) for All VOD and DEM Configuration Settings
DEM
0
1
2
3
4
5
6
7
VOD
0
0
–0.2
–1.1
–2.2
–3.0
–4.3
–5.6
–8.5
1
0
–0.4
–1.7
–2.9
–3.8
–5.1
–6.5
–9.6
2
0
–0.7
–2.2
–3.5
–4.5
–5.9
–7.4
–10.4
3
0
–1.0
–2.8
–4.2
–5.2
–6.7
–8.1
–11.2
4
0
–1.4
–3.4
–4.9
–5.9
–7.4
–8.9
–12.1
5
0
–1.7
–3.9
–5.5
–6.5
–8.0
–9.5
–12.7
6
0
–2.1
–4.4
–6.0
–7.1
–8.6
–10.2
–13.4
7
0
–2.5
–4.9
–6.5
–7.6
–9.2
–10.7
–14.0
Table 2. Settled Differential Voltage Swing Values, VOD (mV-peak-peak) for All VOD and DEM
Configuration Settings
DEM
0
1
2
3
4
5
6
7
VOD
0
570
550
500
440
400
350
300
210
1
660
630
550
470
430
370
310
220
2
750
690
580
500
450
380
320
230
3
840
750
610
520
460
390
330
230
4
940
800
630
530
470
400
340
230
5
1020
840
650
550
480
410
340
240
6
1110
870
670
560
490
410
340
240
7
1200
900
680
570
500
420
350
240
8.3.6 ADC Core Calibration
After power-up, the ADC14X250 device detects that the supplies and clock are valid, waits for a power-up delay,
and then performs a calibration of the ADC core automatically. The power-up delay is 8.4 × 106 sampling clock
cycles or 33.6 ms at a 250-MSPS sampling rate. The calibration requires approximately 1.0 × 106 sampling clock
cycles.
If the system requires that the ADC14X250 input clock divider value (CLKDIV) is set to 2, 4, or 8, then ADC
calibration must be performed manually after CLKDIV has been set to the desired value. Manual calibration is
performed by changing to power down mode, returning to normal operation, and monitoring the CAL_DONE bit
in the JESD_STATUS register until calibration is complete. As an alternative to monitoring CAL_DONE, the
system may wait 1.5 × 106 sampling clock cycles until calibration is complete.
Re-calibration is not required across the supported operating temperature range to maintain functional
performance, but it is recommended for large changes in ambient temperature to maintain optimal dynamic
performance. Changing the sampling rate always requires re-calibration of the ADC core. For more information
about device modes, see Power-Down and Sleep Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com