Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 38 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 34Page - Texas Instruments ADC14X250 Datasheet HTML 35Page - Texas Instruments ADC14X250 Datasheet HTML 36Page - Texas Instruments ADC14X250 Datasheet HTML 37Page - Texas Instruments ADC14X250 Datasheet HTML 38Page - Texas Instruments ADC14X250 Datasheet HTML 39Page - Texas Instruments ADC14X250 Datasheet HTML 40Page - Texas Instruments ADC14X250 Datasheet HTML 41Page - Texas Instruments ADC14X250 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
38
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
8.5.1.14 JESD_CTRL2 (JESD Configuration Control 2), [Address: 0x0061], [Default: 0x00]
Table 20. JESD_CTRL2 (JESD Configuration Control 2), [Address: 0x0061], [Default: 0x00]
Note: Before altering any parameters in this register, one must set JESD_EN = 0. Changing parameters while JESD_EN = 1 is not
supported.
Bit
Field
Type
Reset
Description
[7]
SYNC_SEL
Read or write
0
SYNCb Signal MUX Select
0 : The internal SYNCb signal is routed from the SYNCb+/- pins
(default)
1 : The internal SYNCb signal is routed from the JSYNC_N register
field (SYNCb over SPI)
[6]
JSYNC_N
Read or write
0
SYNCb Over SPI Control
0 : The internal SYNCb signal as asserted, indicating a JESD204 link
synchronization request (default)
1 : The internal SYNCb signal is de-asserted, indicating JESD204 link
synchronization is not being requested
Note: JSYNC_N controls the internal SYNCb signal only when
SYNC_SEL = 1. When SYNC_SEL = 0, this register field is ignored.
[7:4]
Reserved
Read or write
00
Reserved. Must be written as 00.
[3:0]
JESD_TEST_
MODES[3:0]
Read or write
0000
JESD204B test modes.
0000 : Test mode disabled. Normal operation (default)
0001 : PRBS7 test mode
0010 : PRBS15 test mode
0011 : PRBS23 test mode
0100 : RESERVED
0101 : ILA test mode
0110 : Ramp test mode
0111 : K28.5 test mode
1000 : D21.5 test mode
1001: Logic low test mode (serial outputs held low)
1010: Logic high test mode (serial outputs held high)
1011 – 1111 : Reserved
Note:
•
JESD_EN must be set to 0 before altering this field.
8.5.1.15 JESD_RSTEP (JESD Ramp Pattern Step), [Addresses: 0x0063, 0x0062], [Default: 0x00, 0x01]
Table 21. JESD_RSTEP (JESD Ramp Pattern Step), [Addresses: 0x0063, 0x0062], [Default: 0x00, 0x01]
Bit
Field
Type
Reset
Description
0x0062[7:0]
JESD_RSTEP
[7:0]
Read or write
0x01
JESD204B ramp test mode step
0x0063[7:0]
JESD_RSTEP
[15:8]
Read or write
0x00
The binary value JESD_RSTEP[15:0] corresponds to the step of the
ramp mode step. A value of 0x0000 is not allowed.
Note:
•
JESD_EN must be set to 0 before altering this field.
8.5.1.16 JESD_STATUS (JESD Link Status), [Address: 0x006C], [Default: N/A]
Table 22. JESD_STATUS (JESD Link Status), [Address: 0x006C], [Default: N/A]
Bit
Field
Type
Reset
Description
[7]
Reserved
Read
N/A
Reserved.
[6]
LINK
Read
N/A
JESD204B link status
This bit is set when synchronization is finished, transmission of the ILA
sequence is complete, and valid data is being transmitted.
0 : Link not established
1 : Link established and valid data transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com