Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 60 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 56Page - Texas Instruments ADC14X250 Datasheet HTML 57Page - Texas Instruments ADC14X250 Datasheet HTML 58Page - Texas Instruments ADC14X250 Datasheet HTML 59Page - Texas Instruments ADC14X250 Datasheet HTML 60Page - Texas Instruments ADC14X250 Datasheet HTML 61Page - Texas Instruments ADC14X250 Datasheet HTML 62Page - Texas Instruments ADC14X250 Datasheet HTML 63Page - Texas Instruments ADC14X250 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
0.007''
0.004''
0.004''
0.007''
L1 ± SIG
L2 ± GND
L3 ± PWR/SIG
L6 ± SIG
L5 ± GND
L4 ± PWR
1 oz. Copper on L2-5, 2 oz. Copper on L1, L6
100 Differential Signaling on SIG Layers
Low loss dielectric adjacent very high speed trace layers
0.0625''
60
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
•
The design of the PCB is critical to achieve the full performance of the ADC14X250 device. Defining the PCB
stackup should be the first step in the board design. Experience has shown that at least 6 layers are required
to adequately route all required signals to and from the device. Each signal routing layer must have an
adjacent solid ground plane to control signal return paths to have minimal loop areas and to achieve
controlled impedances for microstrip and stripline routing. Power planes must also have adjacent solid ground
planes to control supply return paths. Minimizing the spacing between supply and ground planes improves
performance by increasing the distributed decoupling. The recommended stack-up for a 6-layer board design
is shown in Figure 59.
•
Although the ADC14X250 device consists of both analog and digital circuitry, TI highly recommends solid
ground planes that encompass the device and its input and output signal paths. TI does not recommend split
ground planes that divide the analog and digital portions of the device. Split ground planes may improve
performance if a nearby, noisy, digital device is corrupting the ground reference of the analog signal path.
When split ground planes are employed, one must carefully control the supply return paths and keep the
paths on top of their respective ground reference planes.
•
Quality analog input signal and clock signal path layout is required for full dynamic performance. Symmetry of
the differential signal paths and discrete components in the path is mandatory and symmetrical shunt-oriented
components should have a common grounding via. The high frequency requirements of the input and clock
signal paths necessitate using differential routing with controlled impedances and minimizing signal path
stubs (including vias) when possible.
•
Coupling onto or between the clock and input signal paths must be avoided using any isolation techniques
available including distance isolation, orientation planning to prevent field coupling of components like
inductors and transformers, and providing well coupled reference planes. Via stitching around the clock signal
path and the input analog signal path provides a quiet ground reference for the critical signal paths and
reduces noise coupling onto these paths. Sensitive signal traces must not cross other signal traces or power
routing on adjacent PCB layers, rather a ground plane must separate the traces. If necessary, the traces
should cross at 90° angles to minimize crosstalk.
•
The substrate dielectric materials of the PCB are largely influenced by the speed and length of the high speed
serial lanes. The affordable and common FR4 variety may not offer the consistency or loss to support very
high speed transmission (> 5 Gb/s) and long lengths (> 4 inch). Although the VOD and DEM features are
available to improve the signal integrity of the serial lanes, some of the highest performing applications may
still require special dielectric materials such as Rogers 4350B or Panasonic Megtron 6.
•
Coupling of ambient signals into the signal path is reduced by providing quiet, close reference planes and by
maintaining signal path symmetry to ensure the coupled noise is common-mode. Faraday caging may be
used in very noisy environments and high dynamic range applications to isolate the signal path.
Figure 59. Recommended PCB Layer Stack-Up for a Six-Layer Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com