Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 16Page - Texas Instruments ADC14X250 Datasheet HTML 17Page - Texas Instruments ADC14X250 Datasheet HTML 18Page - Texas Instruments ADC14X250 Datasheet HTML 19Page - Texas Instruments ADC14X250 Datasheet HTML 20Page - Texas Instruments ADC14X250 Datasheet HTML 21Page - Texas Instruments ADC14X250 Datasheet HTML 22Page - Texas Instruments ADC14X250 Datasheet HTML 23Page - Texas Instruments ADC14X250 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
Sampling Rate [MSPS]
50
100
150
200
250
0.3
0
0.35
0.04
0.4
0.08
0.45
0.12
0.5
0.16
0.55
0.2
0.6
0.24
0.65
0.28
0.7
0.32
Total Power [W]
IA1.2 [A]
IA1.8 [A]
IA3.0 [A]
Frequency [MHz]
0
25
50
75
100
125
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Temperature [qC]
-40
-20
0
20
40
60
80
100
0.4
0
0.45
0.04
0.5
0.08
0.55
0.12
0.6
0.16
0.65
0.2
0.7
0.24
Total Power [W]
IA1.2 [A]
IA1.8 [A]
IA3.0 [A]
20
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise noted, these specifications apply for VA3.0 = 3.0 V; VA1.8 = 1.8 V; VA1.2 = 1.2 V; FCLKIN = FS = 250 MSPS;
240-MHz input frequency; –3-dBFS input power. External termination at ADC input is 66
Ω differential. CLKIN± input is a 2
Vp-p differential sinusoid. Typical values are at TA = 25°C.
Input Amplitude =
IMD3 = –94 dBFS
Capture Depth =
–9 dBFS/tone
65536 Samples
Figure 27. 2-Tone Spectrum (235/240 MHz)
Figure 28. Power vs Temperature
Figure 29. Power vs Sampling Rate
Figure 30. Output Serial Lane Eye Diagram at 5.0 Gb/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com