Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 53 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 49Page - Texas Instruments ADC14X250 Datasheet HTML 50Page - Texas Instruments ADC14X250 Datasheet HTML 51Page - Texas Instruments ADC14X250 Datasheet HTML 52Page - Texas Instruments ADC14X250 Datasheet HTML 53Page - Texas Instruments ADC14X250 Datasheet HTML 54Page - Texas Instruments ADC14X250 Datasheet HTML 55Page - Texas Instruments ADC14X250 Datasheet HTML 56Page - Texas Instruments ADC14X250 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
53
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
The SYSREF frequency for a continuous SYSREF signal can be the indicated frequency fLMFC or integer sub-harmonic such as fLMFC /
2, fLMFC / 3, and so forth. Gapped-periodic SYSREF signals should have pulses spaced by the associated periods 1 / fLMFC, 2 / fLMFC, 3 /
fLMFC, and so forth.
6. Configure the SYSREF driver into its idle state.
9.1.4.2 Link Interruption
The internal frame and multi-frame clocks must be stable to maintain the JESD204B link. The ADC14X250 is
designed to maintain the JESD204B link in most conditions but some features interrupt the internal clocks and
break the link.
The following actions cause a break in the JESD204B link:
•
The ADC14X250 device is configured into power-down mode or sleep mode
•
The ADC14X250 device CLKIN clock divider setting is changed
•
The serial data receiver performs a synchronization request
•
The ADC14X250 device detects a SYSREF assertion that is not aligned with the internal frame or multi-frame
clocks
•
The CLKIN input is interrupted
•
Power to the device is interrupted
The following actions do not cause a change in clock alignment nor break the JESD204B link:
•
The ambient temperature or operating voltages are varied across the ranges specified in the normal operating
conditions.
•
The ADC14X250 device detects a SYSREF assertion that is aligned with the internal frame and multi-frame
clocks.
9.1.4.3 Clock Configuration Examples
The features provided in the ADC14X250 device allow for a number of clock and JESD204B link configurations.
These examples in Table 26 show some common implementations and may be used as a starting point for a
more customized implementation.
Table 26. Example ADC14X250 Clock Configurations
Parameter
Example 1
Example 2
Example 3
CLKIN Frequency
250 MHz
1000 MHz
2000 MHz
CLKIN Divider
1
4
8
Sampling Rate
250 MSPS
250 MSPS
250 MSPS
K (Frames per Multi-
frame)
20
32
16
LMFC Frequency
12.5 MHz
7.8125 MHz
15.625 MHz
SYSREF
Frequency(1)
12.5 MHz
7.8125 MHz
15.625 MHz
Serial Bit Rate
5.0 Gb/s
5.0 Gb/s
5.0 Gb/s
9.1.4.4 Configuring the JESD204B Receiver
The ASIC or FPGA device that receives the JESD204B data from the ADC14X250 device must be configured
properly to interpret the serial stream. Table 4 describes the JESD204B parameter information transmitted during
the ILA sequence and may be used to dynamically configure the receiving device. Due to the various
arrangements of output data across different operational modes, some parameters (N, N’, CS, CF) do not always
reflect the data properties in all modes. Therefore, the ILA information does not completely describe the data
output from the ADC14X250 device in all modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com