Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 42Page - Texas Instruments ADC14X250 Datasheet HTML 43Page - Texas Instruments ADC14X250 Datasheet HTML 44Page - Texas Instruments ADC14X250 Datasheet HTML 45Page - Texas Instruments ADC14X250 Datasheet HTML 46Page - Texas Instruments ADC14X250 Datasheet HTML 47Page - Texas Instruments ADC14X250 Datasheet HTML 48Page - Texas Instruments ADC14X250 Datasheet HTML 49Page - Texas Instruments ADC14X250 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
Transmitter
100:-diff
VCMO = 1.2V
R1
R2
VIS = 0.5V
10k:
CLKIN
Receiver
50:
50:
PCB Channel
4*R1*R2 + 200*R1 = 100
2
R2 / (R1+R2) = 0.5 / VCMO
IDC (Each Side)= VCMO / (R1+R2)
VCMO = 1.2V: R1 = 29.1:, R2 = 20.8: IDC = 24mA
0.1uF
CLKIN
Transmitter
100:-diff
VIS = 0.5V
10k:
CLKIN
Receiver
50:
50:
PCB Channel
46
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
9.1.2 CLKIN, SYSREF, and SYNCb Input Considerations
Clocking the ADC14X250 device shares many common concepts and system design requirements with
previously released ADC products, but the JESD204B supported architecture adds another layer of complexity to
clocking at the system level. A SYSREF signal accompanies the device clock to provide phase alignment
information for the output data serializer (as well as for the sampling instant when the clock divider is enabled) to
ensure that the latency through the JESD204B link is always known and does not vary, a concept called
deterministic latency. To ensure deterministic latency, the SYSREF signal must meet setup and hold
requirements relative to CLKIN and the design of the clocking interfaces require close attention. As with other
ADCs, the quality of the clock signal also influences the noise and spurious performance of the device.
9.1.2.1 Driving the CLKIN+ and CLKIN– Input
The CLKIN input circuit is composed of a differential receiver and an internal 100-
Ω termination to a weakly
driven common-mode of 0.50 V. TI recommends AC coupling to the CLKIN input with 0.1-uF external capacitors
to maintain the optimal common-mode biasing. Figure 46 shows the CLKIN receiver circuit and an example AC
coupled interface.
Figure 46. Driving the CLKIN Input With an AC Coupled Interface
DC coupling is allowed as long as the input common-mode range requirements are satisfied. The input common-
mode of the CLKIN input is not compatible with many common signaling standards like LVDS and LVPECL.
Therefore, the CLKIN signal driver common-mode must be customized at the transmitter or adjusted along the
interface. Figure 47 shows an example DC coupled interface that uses a resistor divider network to reduce the
common-mode while maintaining a 100-
Ω total termination at the load. Design equations are provided with
example values to determine the resistor values.
Figure 47. Driving the CLKIN Input With an Example DC Coupled Interface
The CLKIN input supports any type of standard signaling that meets the input signal swing and common-mode
range requirements with an appropriate interface. Generic differential sinusoidal or square-wave clock signals are
also supported. TI does not recommend driving the CLKIN input single-ended. The differential lane trace on the
PCB should be designed to be a controlled 100
Ω and protected from noise sources or other signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com