Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 2Page - Texas Instruments ADC14X250 Datasheet HTML 3Page - Texas Instruments ADC14X250 Datasheet HTML 4Page - Texas Instruments ADC14X250 Datasheet HTML 5Page - Texas Instruments ADC14X250 Datasheet HTML 6Page - Texas Instruments ADC14X250 Datasheet HTML 7Page - Texas Instruments ADC14X250 Datasheet HTML 8Page - Texas Instruments ADC14X250 Datasheet HTML 9Page - Texas Instruments ADC14X250 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
6
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VCM refers to the voltage bias present at the VCM output. The Absolute Maximum Rating for the VIN+ and VIN– inputs may extend
down to –0.3V for the purpose of the initial power-up transient only. Forcing these pins to a voltage lower than VCM – 0.75 for an
extended time may reduce the operating lifetime of the device.
(3)
When the input voltage at any pin exceeds the VA3.0 power supply (that is VIN > VA3.0 or VIN < AGND) the current at that pin should be
limited to ±5 mA. The ±50-mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of ±5 mA to 10 pins.
(4)
Prolonged use at this temperature may increase the device failure-in-time (FIT) rate.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage
VA3.0
–0.3
4.2
V
VA1.8
–0.3
2.35
V
VA1.2
–0.3
1.55
V
Voltage at:
VIN+, VIN–
VCM – 0.75
(2)
VCM + 0.75
V
VCM
–0.3
VA3.0 + 0.3, not to exceed 4.2 V
V
SCLK, SDI, CSb
–0.3
VA3.0 + 0.3, not to exceed 4.2 V
V
SDO
–0.3
VSPI + 0.3, not to exceed 4.2 V
V
CLKIN+, CLKIN–, SYSREF+, SYSREF–
–0.3
1.55
V
SYNC+, SYNC–
–0.3
VBP2.5 + 0.3
V
BP2.5
–0.3
3.2
V
SO+, SO–
–0.3
VBP2.5 + 0.3
V
Input current at any pin(3)
5
mA
TJ
Operating junction temperature(4)
125
°C
Tstg
Storage temperature range
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
(1)
This device may be operated above the maximum ambient temperature (TA-MAX) up to the value of TP-MAX as long as the maximum
temperature at the device's footprint thermal pad on the printed circuit board remains less than TP-MAX.
(2)
The recommended maximum operating junction temperature assumes the junction to package bottom thermal resistance, RθJC(bottom) =
1.1°C/W, the thermal resistance of the device thermal pad connection to the PCB footprint is negligible, and the recommended
maximum temperature at the PCB footprint thermal pad, TP-MAX, is satisfied.
6.3 Recommended Operating Conditions
Operation of the device beyond the recommended operating ratings is not recommended as it may degrade the device
lifetime.
MIN
MAX
UNIT
TA-MIN
Specified temperature minimum, ambient air.
–40
°C
TA-MAX Specified temperature maximum, ambient air.
(1)
85
°C
TP-MAX Specified temperature maximum, measured at the device's footprint thermal
pad on the printed circuit board.
105
°C
TJ
Operating junction temperature(2)
106
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com