Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 3 Page - Texas Instruments

  ADC14X250 Datasheet HTML 1Page - Texas Instruments ADC14X250 Datasheet HTML 2Page - Texas Instruments ADC14X250 Datasheet HTML 3Page - Texas Instruments ADC14X250 Datasheet HTML 4Page - Texas Instruments ADC14X250 Datasheet HTML 5Page - Texas Instruments ADC14X250 Datasheet HTML 6Page - Texas Instruments ADC14X250 Datasheet HTML 7Page - Texas Instruments ADC14X250 Datasheet HTML 8Page - Texas Instruments ADC14X250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
AGND
VA3.0
+
-
CLKIN+
CLKIN-
50:
0.5V
50:
10k:
AGND
VA1.2
Thermal
24
1
VA3.0
SCLK
23
2
AGND
CSB
22
3
VIN+
BP2.5
21
4
VIN–
AGND
20
5
AGND
SO–
19
6
VCM
SO+
18
7
VA1.2
AGND
17
8
AGND
VA1.2
Pad
3
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
5 Pin Configuration and Functions
RHB package
32 Pin WQFN
Top View
Exposed pad on bottom of package
Pin Functions
PIN
TYPE OR DIAGRAM
DESCRIPTION
NAME
NO.
AGND
2, 5, 8, 11, 18,
21, 27, 30, 31
Analog ground
Analog ground
Must be connected to a solid ground reference plane
under the device.
BP2.5
22
Bypass pins
Capacitive bypassing pin for internally regulated 2.5-V
supply
This pin must be decoupled to AGND with a 0.1-
μF
and a 10-µF capacitor located close to the pin.
CLKIN+
9
Differential device clock input pins
Each pin is internally terminated to a DC bias with a
50-
Ω resistor for a 100-Ω total internal differential
termination. AC coupling is required for coupling the
clock input to these pins if the clock driver cannot meet
the common-mode requirements. Sampling occurs on
the rising edge of the differential signal (CLKIN+)
−
(CLKIN–).
CLKIN–
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com