Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 41 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 37Page - Texas Instruments ADC14X250 Datasheet HTML 38Page - Texas Instruments ADC14X250 Datasheet HTML 39Page - Texas Instruments ADC14X250 Datasheet HTML 40Page - Texas Instruments ADC14X250 Datasheet HTML 41Page - Texas Instruments ADC14X250 Datasheet HTML 42Page - Texas Instruments ADC14X250 Datasheet HTML 43Page - Texas Instruments ADC14X250 Datasheet HTML 44Page - Texas Instruments ADC14X250 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
+
²
+
²
0.47nH
0.47nH
5:
5.2pF
5:
5.2pF
VIN+
VIN-
VDD
GND
VCM
0
VIN-DIFF
VIN-CM
VCM
0
VIN+
VIN-
GND
0
Single-Ended
Differential Mode
Common Mode
41
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Figure 39. Differential Signal Waveform and Signal Imbalance
9.1.1.2 Analog Input Network Model
Matching the impedance of the driving circuit to the input impedance of the ADC can be important for low
distortion performance and a flat gain response through the network across frequency. In very broadband
applications or lowpass applications, the ADC driving network must have very low impedance with a small
termination resistor at the ADC input to maximize the bandwidth and minimize the bandwidth limitation posed by
the capacitive load of the ADC input. In bandpass applications, a designer may either design the anti-aliasing
filter to match to the complex impedance of the ADC input at the desired intermediate frequency, or consider the
resistive part of the ADC input to be part of the resistive termination of the filter and the capacitive part of the
ADC input to be part of the filter itself.
The analog input circuit of the ADC14X250 device is a buffered input with an internal differential termination.
Compared to an ADC with a switched-capacitor input sampling network that has an input impedance that varies
with time, the ADC14X250 device provides a constant input impedance that simplifies the interface design joining
the ADC and ADC driver. A simplified passive model of the ADC input network is shown in Figure 40 that
includes the termination resistance, input capacitance, parasitic bond-wire inductance, and routing parastics.
Figure 40. Simplified Analog Input Network Circuit Model
A more accurate load model is described by the measured differential SDD11 (100-
Ω) parameter model. A plot of
the differential impedance derived from the model is shown on the Smith chart of Figure 41. The model includes
the internal 200-
Ω resistive termination, the capacitive loading of the input buffer, and stray parasitic impedances
like bond wire inductance and signal routing coupling. The SDD11 model may be used to back-calculate the
impedance of the ADC input at a frequency of interest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com