Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 31 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 27Page - Texas Instruments ADC14X250 Datasheet HTML 28Page - Texas Instruments ADC14X250 Datasheet HTML 29Page - Texas Instruments ADC14X250 Datasheet HTML 30Page - Texas Instruments ADC14X250 Datasheet HTML 31Page - Texas Instruments ADC14X250 Datasheet HTML 32Page - Texas Instruments ADC14X250 Datasheet HTML 33Page - Texas Instruments ADC14X250 Datasheet HTML 34Page - Texas Instruments ADC14X250 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
SCLK
CSB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
R/W
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
(MSB)
(LSB)
COMMAND FIELD
DATA FIELD
Address (15-bits)
Write DATA (8-bits)
SDI
SDO
Hi-Z
D7
D6
D5
D4
D3
D2
D1
D0
(MSB)
(LSB)
Read DATA (8-bits)
Single Access Cycle
(MSB)
(LSB)
R=1
W=0
31
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
8.3.12 Sync~ Signal Selection
The JESD204B sync~ signal can be directed to the internal JESD204B core block via two different input paths:
via the external pins or SPI. The selection MUX is controlled using the SYNC_SEL register field and sync~
control is performed using the JSYNC_N register field via SPI . By default, the signal is routed from the external
SYNCb+/- pins and writes to the JSYNC_N register field are ignored.
Optionally, the signal may be routed via SPI by setting the register field SYNC_SEL = 1. In this mode, signals at
the external SYNCb+/- pins are ignored and the sync~ signal is written to the JSYNC_N register field.
8.3.13 SPI
The SPI allows access to the internal configuration registers of the ADC through read and write commands to a
specific address. The interface protocol has a 1-bit command, 15-bit address word and 8-bit data word as shown
in Figure 38. A read or write command is 24 bits in total, starting with the read or write command bit where 0
indicates a write command and 1 indicates a read command. The read or write command bit is clocked into the
device on the first rising edge of SCLK after CSb is asserted to 0. During a write command, the 15-bit address
and 8-bit data values follow the read or write bit MSB-first and are latched on the rising edge of SCLK. During a
read command, the SDO output is enabled shortly after the 16th rising edge of SCLK and outputs the read value
MSB first before the SDO output is returned to a high impedance state. The read or write command is completed
on the SCLK rising edge on which the data word’s LSB is latched. CSb may be de-asserted to 1 after the LSB is
latched into the device.
The SPI allows command streaming where multiple commands are made without de-asserting CSb in-between
commands. The commands in the stream must be of similar types, either read or write. Each subsequent
command applies to the register address adjacent to the register accessed in the previous command. The
address order can be configured as either ascending or descending. Command streaming is accomplished by
immediately following a completed command with another set of 8 rising edges of SCLK without de-asserting
CSb. During a write command, an 8-bit data word is input on the SDI input for each subsequent set of SCLK
edges. During a read command, data is output from SDO for each subsequent set of SCLK edges. Each
subsequent command is considered finished after the 8th rising edge of SCLK. De-asserting CSb aborts an
incomplete command.
The SDO output is high impedance at all times other than during the final portion of a read command. During the
time that the SDO output is active, the logic level is determined by a configuration register. The SPI output logic
level must be properly configured after power up and before making a read command to prevent damaging the
receiving device or any other device connected to the SPI bus. Until the SPI_CFG register is properly configured,
voltages on the SDO output may be as high as the VA3.0 supply during a read command. The default state of
SDO is to output 1.8 V logic levels during a read command. The SDI, SCLK, and CSB pins are all 1.2-V to 3-V
logic compatible.
Figure 38. Serial Interface Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com