Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 52 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 48Page - Texas Instruments ADC14X250 Datasheet HTML 49Page - Texas Instruments ADC14X250 Datasheet HTML 50Page - Texas Instruments ADC14X250 Datasheet HTML 51Page - Texas Instruments ADC14X250 Datasheet HTML 52Page - Texas Instruments ADC14X250 Datasheet HTML 53Page - Texas Instruments ADC14X250 Datasheet HTML 54Page - Texas Instruments ADC14X250 Datasheet HTML 55Page - Texas Instruments ADC14X250 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
52
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
The integrity of the data transfer from the transmitter to receiver is limited by the accuracy of the differential lane
characteristic impedance and the attenuation as the signal travels down the lane. Inaccurate or varying
impedance and frequency dependent attenuation results in increased ISI (part of deterministic jitter) and reduced
signal-to-noise ratio, which limits the ability of the receiver to accurately recover the data.
Two features are provided in the ADC14X250 device serial transmitters to compensate attenuation and ISI
caused by the serial lane: voltage swing control (VOD) and de-emphasis (DEM).
9.1.3.2 Voltage Swing and De-Emphasis Optimization
Voltage swing control (VOD) compensates for attenuation across all frequencies through the channel at the
expense of power consumption. Increasing the voltage swing increases the power consumption. De-emphasis
(DEM) compensates for the frequency dependent attenuation of the channel but results in attenuation at lower
frequencies. The voltage swing control and de-emphasis feature may be used together to optimally compensate
for attenuation effects of the channel.
The frequency response of the PCB channel is typically lowpass with more attenuation occurring at higher
frequencies. The de-emphasis implemented in the ADC14X250 device is a form of linear, continuous-time
equalization that shapes the signal at the transmitter into a high-pass response to counteract the low-pass
response of the channel. The de-emphasis setting should be selected such that the equalizer’s frequency
response is the inverse of the channel’s response. Therefore, transferring data at the highest speeds over long
channel lengths requires knowledge of the channel characteristics.
Optimization of the de-emphasis and voltage swing settings is only necessary if the ISI and losses caused by the
channel are too great for reception at the desired bit rate. Many applications will perform with an adequate BER
using the default settings.
9.1.3.3 Minimizing EMI
High data-transfer rates have the potential to emit radiation. EMI may be minimized using the following
techniques:
•
Use differential stripline channels on inner layer sandwiched between ground layers instead of routing
microstrip pairs on the top layer.
•
Avoid routing lanes near the edges of boards.
•
Enable data scrambling to spread the frequency content of the transmitted data.
•
If the serial lane must travel through an interconnect, choose a connector with good differential pair channels
and shielding.
•
Ensure lanes are designed with an accurate, 100-
Ω characteristic impedance and provide accurate 100-Ω
terminations inside the receiving device.
9.1.4 JESD204B System Considerations
9.1.4.1 Frame and LMFC Clock Alignment Procedure
Frame and LMFC clocks are generated inside the ADC14X250 device and are used to properly align the phase
of the serial data leaving the device. The phases of the frame and multi-frame clocks are determined by the
frame alignment step for JESD204B link initialization as shown in Figure 36. These clocks are not accessible
outside the device. The frequencies of the frame and LMFC must be equal to the frame and LMFC of the device
receiving the serial data.
When the ADC14X250 device is powered-up, the internal frame and local multi-frame clocks initially assume a
default phase alignment. To ensure determinist latency through the JESD204B link, the frame and LMFC clocks
of the ADC14X250 device must be aligned in the system. Perform the following steps to align the ADC14X250
device clocks:
1. Enable the SYSREF signal driver. See SYSREF Signaling for more information.
2. Configure the SYSREF offset feature appropriately based on the SYSREF signal and channel. See
Effectively Using the SYSREF Offset and Detection Gate Features for more information.
3. Enable detection of the SYSREF signal at the ADC14X250 device by enabling the SYSREF detection gate.
4. Apply the desired SYSREF signal at the ADC14X250 device SYSREF input.
5. Disable detection of the SYSREF signal by disabling the SYSREF gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com