Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 24Page - Texas Instruments ADC14X250 Datasheet HTML 25Page - Texas Instruments ADC14X250 Datasheet HTML 26Page - Texas Instruments ADC14X250 Datasheet HTML 27Page - Texas Instruments ADC14X250 Datasheet HTML 28Page - Texas Instruments ADC14X250 Datasheet HTML 29Page - Texas Instruments ADC14X250 Datasheet HTML 30Page - Texas Instruments ADC14X250 Datasheet HTML 31Page - Texas Instruments ADC14X250 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
28
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
These parameters have a binary-value-minus-1 encoding applied before being mapped into the link configuration octets. For example, F
= 1 is encoded as 0.
8.3.9.3 ILA Information
Table 4 summarizes the information transmitted during the initial lane alignment (ILA) sequence. Mapping of
these parameters into the data stream is described in the JESD204B standard.
Table 4. Configuration of the JESD204B Serial-Data Receiver
Paramet
er
Description
Logical Value
Encoded Value
ADJCNT
DAC LMFC adjustment
0
0
ADJDIR
DAC LMFC adjustment direction
0
0
BID
Bank ID
0
0
CF
Number of control words per frame clock period
per link
0
0
CS
Number of control bits per sample
0
0
DID
Device identification number
0
0
F
Number of octets per frame (per lane)(1)
2
1
HD
High-density format
0
0
JESDV
JESD204 version
1
1
K
Number of frames per multi-frame(1)
Set by register as 9 to 32
8 to 31
L
Number of lanes per link(1)
1
0
LID
Lane identification number
0
0
M
Number of converters per device(1)
1
1
N
Converter resolution (1)
16
15
N’
Total number of bits per sample(1)
16
15
PHADJ
Phase adjustment request to DAC
0
0
S
Number of samples per converter per frame
cycle(1)
1
0
SCR
Scrambling enabled
Set by register as 0
(disabled) or 1
0 or 1
SUBCLA
SSV
Device subclass version
1
1
RES1
Reserved field 1
0
0
RES2
Reserved field 2
0
0
FCHK
Checksum
34 + (K-1) + SCR
Scrambling of the output serial data is supported and conforms to the JESD204B standard. Scrambling is
disabled by default, but may be enabled via the SPI. When scrambling is enabled, the ADC14X250 device
supports the early synchronization option by the receiver during the ILA sequence, although the ILA sequence
data is never scrambled.
8.3.10 Test Pattern Sequences
The SPI may enable the following test pattern sequences. Short- and long-transport layer, RPAT, and JSPAT
sequences are not supported.
Table 5. Supported Test Pattern Sequences
Test Pattern
Description
Common Purpose
D21.5
Alternating 1 and 0 pattern (101010...)
Jitter or system debug
K28.5
Continuous K28.5 symbols
System debug
Repeated ILA
ILA repeats indefinitely
System debug
Ramp
After ILA, a sample ramp is transmitted with programmable
step. The 16-bit output word fully spans both octets that
compose a sample.
System debug and transport layer verification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com