Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 30Page - Texas Instruments ADC14X250 Datasheet HTML 31Page - Texas Instruments ADC14X250 Datasheet HTML 32Page - Texas Instruments ADC14X250 Datasheet HTML 33Page - Texas Instruments ADC14X250 Datasheet HTML 34Page - Texas Instruments ADC14X250 Datasheet HTML 35Page - Texas Instruments ADC14X250 Datasheet HTML 36Page - Texas Instruments ADC14X250 Datasheet HTML 37Page - Texas Instruments ADC14X250 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
34
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
8.5.1 Register Descriptions
8.5.1.1 CONFIG_A, [Address: 0x0000], [Default: 0x3C]
Table 7. CONFIG_A, [Address: 0x0000], [Default: 0x3C]
Bit
Field
Type
Reset
Description
7
SR
Read or write
0
Setting this soft reset bit causes all registers to be reset to their default
state. This bit is self-clearing.
6
Reserved
Read or write
0
Reserved and must be written with 0.
5
ASCEND
Read or write
1
Order of address change during streaming reads or writes.
0 : Address is decremented during streaming reads or writes.
1 : Address is incremented during streaming reads or writes (default).
4
Reserved
Read
1
Reserved and must be written with 1.
3:0
PAL[3:0]
Read or write
1100
Palindrome Bits are bit 3 = bit 4, bit 2 = bit 5, bit 1 = bit 6, and bit 0 =
bit 7.
8.5.1.2 DEVICE CONFIG, [Address: 0x0002], [Default: 0x00]
Table 8. DEVICE CONFIG, [Address: 0x0002], [Default: 0x00]
Bit
Field
Type
Reset
Description
[7:2]
Reserved
Read or write
000000
Reserved and must be written with 000000.
[1:0]
PD_MODE
[1:0]
Read or write
00
Power-down mode
00 : Normal operation (default)
01 : Reserved
10 : Sleep operation (faster resume)
11 : Power-down (slower resume)
8.5.1.3 CHIP_TYPE, [Address: 0x0003], [Default: 0x03]
Table 9. CHIP_TYPE, [Address: 0x0003], [Default: 0x03]
Bit
Field
Type
Reset
Description
[7:4]
Reserved
Read or write
0000
Reserved and must be written with 0000.
[3:0]
CHIP_TYPE
Read
0011
Chip type that always returns 0x3, indicating that the part is a high-
speed ADC
8.5.1.4 CHIP_ID, [Address: 0x0005, 0x0004], [Default: 0x00, 0x01]
Table 10. CHIP_ID, [Address: 0x0005, 0x0004], [Default: 0x00, 0x01]
Bit
Field
Type
Reset
Description
0x0004[7:0]
CHIP_ID[7:0]
Read
0x01
Chip ID least significant word
0x0005[7:0]
CHIP_ID[15:8]
Read
0x00
Chip ID most significant word
8.5.1.5 CHIP_VERSION, [Address: 0x0006], [Default: 0x00]
Table 11. CHIP_VERSION, [Address: 0x0006], [Default: 0x00]
Bit
Field
Type
Reset
Description
[7:0]
CHIP_VER
Read
0x00
Chip version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com