Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 40 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 36Page - Texas Instruments ADC14X250 Datasheet HTML 37Page - Texas Instruments ADC14X250 Datasheet HTML 38Page - Texas Instruments ADC14X250 Datasheet HTML 39Page - Texas Instruments ADC14X250 Datasheet HTML 40Page - Texas Instruments ADC14X250 Datasheet HTML 41Page - Texas Instruments ADC14X250 Datasheet HTML 42Page - Texas Instruments ADC14X250 Datasheet HTML 43Page - Texas Instruments ADC14X250 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
40
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Analog Input Considerations
9.1.1.1 Differential Analog Inputs and Full Scale Range
The ADC14X250 device has a single channel with a pair of analog signal input pins: VIN+, VIN
−. VIN, the input
differential signal for a channel, is defined as VIN = (VIN+) – (VIN
−). Table 23 shows the expected input signal
range when the differential signal swings about the input common mode, VCM. The full-scale differential peak-to-
peak input range is equal to twice the internal reference voltage, VREF. Nominally, the full scale range is 1.7
Vpp-diff, therefore the maximum peak-to-peak single-ended voltage is 0.85 Vpp at each of the VIN+ and VIN
−
pins.
The single-ended signals must be opposite in polarity relative to the VCM voltage to provide a purely differential
signal, otherwise the common-mode component may be rejected by the ADC input. Table 23 indicates the input
to output relationship of the ADC14X250 device where VREF = 0.85 V. Differential signals with amplitude or phase
imbalances result in lower system performance compared to perfectly balanced signals. Imbalances in signal
path circuits lead to differential-to-common-mode signal conversion and differential signal amplitude loss as
shown in Figure 39. This deviation or imbalance directly causes a reduction in the signal amplitude and may also
lead to distortion, particularly even order harmonic distortion, as the signal propagates through the signal path.
The differential imbalance correction feature of the ADC14X250 device helps to correct amplitude or phase
errors in the signal.
Table 23. Mapping of the Analog Input Full Scale Range to Digital Codes
VIN+
VIN–
2s Complement Output
Binary Output
Note
VCM – VREF / 2
VCM + VREF / 2
10 0000 0000 0000
00 0000 0000 0000
Negative full-scale
VCM – VREF / 4
VCM + VREF / 4
11 0000 0000 0000
01 0000 0000 0000
VCM
VCM
00 0000 0000 0000
10 0000 0000 0000
Mid-scale
VCM + VREF / 4
VCM – VREF / 4
01 0000 0000 0000
11 0000 0000 0000
VCM + VREF / 2
VCM – VREF / 2
01 1111 1111 1111
11 1111 1111 1111
Positive full-scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com