Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 57 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 53Page - Texas Instruments ADC14X250 Datasheet HTML 54Page - Texas Instruments ADC14X250 Datasheet HTML 55Page - Texas Instruments ADC14X250 Datasheet HTML 56Page - Texas Instruments ADC14X250 Datasheet HTML 57Page - Texas Instruments ADC14X250 Datasheet HTML 58Page - Texas Instruments ADC14X250 Datasheet HTML 59Page - Texas Instruments ADC14X250 Datasheet HTML 60Page - Texas Instruments ADC14X250 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
Frequency [MHz]
0
25
50
75
100
125
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
57
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
9.2.3 Application Performance Plot
F1 = 235 MHz; F2 = 240 MHz
Figure 57. 2-Tone IMD3 Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com