Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 42 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 38Page - Texas Instruments ADC14X250 Datasheet HTML 39Page - Texas Instruments ADC14X250 Datasheet HTML 40Page - Texas Instruments ADC14X250 Datasheet HTML 41Page - Texas Instruments ADC14X250 Datasheet HTML 42Page - Texas Instruments ADC14X250 Datasheet HTML 43Page - Texas Instruments ADC14X250 Datasheet HTML 44Page - Texas Instruments ADC14X250 Datasheet HTML 45Page - Texas Instruments ADC14X250 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
-10
-8
-6
-4
-2
0
2
4
6
8
10
10
100
1000
Frequency [MHz]
No series resistance
10 ohm series resistance
C001
42
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Figure 41. Measured Differential Impedance of Analog Input Network on a Smith Chart (100
Ω)
9.1.1.3 Input Bandwidth
The input bandwidth of the ADC14X250 device is defined here as the frequency at which the fundamental
amplitude of the sampled data deviates by 3 dB, compared to the amplitude at low frequencies, for a low-
impedance input sinusoidal signal with constant voltage amplitude at the VIN+ and VIN– input pins. The voltage
frequency response is shown in Figure 42.
The peaking in the frequency response is caused by the resonance between the package bond wires and input
capacitance as well as a parasitic 0.5-nH series trace inductance leading to the device pins. This peaking is
typically made insignificant by the stop-band of an anti-aliasing filter that precedes the ADC input. For broadband
applications, 10-
Ω resistors may be put in series with the VIN+ and VIN– input pins. This extra resistance flattens
out the frequency response at the cost of adding some attenuation in the signal path. The additional series
resistance also accordingly modifies the measured SDD11 looking into the analog input.
Figure 42. Measured Input Voltage Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com