Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 20Page - Texas Instruments ADC14X250 Datasheet HTML 21Page - Texas Instruments ADC14X250 Datasheet HTML 22Page - Texas Instruments ADC14X250 Datasheet HTML 23Page - Texas Instruments ADC14X250 Datasheet HTML 24Page - Texas Instruments ADC14X250 Datasheet HTML 25Page - Texas Instruments ADC14X250 Datasheet HTML 26Page - Texas Instruments ADC14X250 Datasheet HTML 27Page - Texas Instruments ADC14X250 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
+
-
VIN+
3
4
VIN-
VCM
INPUT
BUFFER
24
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Feature Description (continued)
Figure 32. Simplified Input Differential Balance Correction Circuit
Amplitude correction is achieved by varying the single-ended termination resistance of each input while
maintaining constant total differential resistance, thereby adjusting the amplitude at each input but leaving the
differential swing constant. Phase correction, also considered capacitive balance correction, varies the capacitive
load at the ADC input, thereby correcting a phase imbalance by creating a bandwidth difference between the
analog inputs that minimally affects amplitude. This function is useful for correcting the balance of transformers
or filters that drive the ADC analog inputs. Figure 33 shows the measured HD2 resulting from an example 240-
MHz imbalanced signal input into the ADC14X250 device recorded over the available amplitude and phase
correction settings, demonstrating the optimization of HD2. Performance parameters in the Electrical
Characteristics: Dynamic Converter Performance are characterized with the amplitude and phase correction
settings in the default condition.
Figure 33. Gain and Phase Imbalance HD2 Optimization
8.3.2 Input Clock Divider
An input clock divider allows a high frequency clock signal to be distributed throughout the system and locally
divided down at the ADC device so that coupling of signals at common intermediate frequencies into other parts
of the system can be avoided. The frequency at the CLKIN input may be divided down to the sampling rate of the
ADC by factors of 1, 2, 4, or 8. Changing the clock divider setting initiates a JESD204 link re-initialization and
requires re-calibration of the ADC if the sampling rate is changed from the rate during the previous calibration.
8.3.3 SYSREF Offset Feature and Detection Gate
When the signal at the SYSREF input is not actively toggling periodically, the SYSREF signal is considered to be
in an idle state. The idle state is recommended at any time the ADC14X250 spurious performance must be
maximized. When the SYSREF signal is in the idle state for longer than 1 µs, an undesirable offset voltage may
build up across the AC coupling capacitors between the SYSREF transmitter and the ADC14X250 device input.
This offset voltage creates a signal threshold problem, requires a long time to dissipate, and therefore prevents
quick transition of the SYSREF signal out of the idle state. Two features are provided as a solution and are
shown in Figure 50, namely the SYSREF offset feature and SYSREF detection gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com