Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 6Page - Texas Instruments ADC14X250 Datasheet HTML 7Page - Texas Instruments ADC14X250 Datasheet HTML 8Page - Texas Instruments ADC14X250 Datasheet HTML 9Page - Texas Instruments ADC14X250 Datasheet HTML 10Page - Texas Instruments ADC14X250 Datasheet HTML 11Page - Texas Instruments ADC14X250 Datasheet HTML 12Page - Texas Instruments ADC14X250 Datasheet HTML 13Page - Texas Instruments ADC14X250 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
10
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
Power values indicate consumption during normal conversion assuming an established JESD204 link.
(2)
The power limit applies to an ambient temperature and board thermal pad temperature of 25°C.
6.7 Electrical Characteristics: Power Supply
Unless otherwise noted, these specifications apply for VA3.0 = 3 V; VA1.8 = 1.8 V; VA1.2 = 1.2 V; FCLKIN = FS = 250 MSPS.
Typical values are at TA = 25°C, unless otherwise noted. Limit values specified for the temperature range TA-MIN = –40°C to TP-
MAX = 105°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VA3.0
3.0V analog voltage supply
2.85
3.0
3.45
V
VA1.8
1.8V analog voltage supply
1.7
1.8
1.9
V
VA1.2
1.2V analog voltage supply
1.15
1.2
1.25
V
IA3.0
VA3.0 supply current consumption
95
mA
IA1.8
VA1.8 supply current consumption
112
mA
IA1.2
VA1.2 supply current consumption
78
mA
PT
Total power
consumption of the
VA3.0 , VA1.8 , VA1.2
supplies(1)
Normal operation(2)
584
600
mW
Power consumption during power-down state, external clock
active
38
Power consumption during sleep state, external clock active
38
VBP2.5
BP2.5 bias voltage
Do not load the BP2.5 pin
2.65
V
Supply sensitivity to noise
Power of spectral spur resulting from a 100-mV sinusoidal signal modulating a supply
at 500 kHz. Analog input is a –3 dBFS 150-MHz single tone. In all cases, the spur
appears as part of a pair symmetric about the fundamental that scales proportionally
with the fundamental amplitude.
dBFS
VA3.0
–72.5
VA1.8
–58.0
VA1.2
–37.7
(1)
This parameter is verified by design.
6.8 Electrical Characteristics: Analog Interface
Unless otherwise noted, these specifications apply for VA3.0 = 3 V; VA1.8 = 1.8 V; VA1.2 = 1.2 V; FCLKIN = FS = 250 MSPS;
external differential resistive termination at ADC input is 66
Ω. Typical values are at TA = 25°C. Limit values specified for the
temperature range TA-MIN = –40°C to TP-MAX = 105°C.
PARAMETER
TEST CONDIONS
MIN
TYP
MAX
UNIT
VCM
Input common mode voltage reference voltage at the VCM pin
Varies with temperature
1.6
V
IVCM
Input common mode voltage reference current sourcing or sinking on VCMA or
VCMB pins.(1)
1
mA
VCM-OFF
Input common mode voltage offset range
Allowable difference between the common mode applied to the analog input and
the bias voltage at the VCM bias pin.
50
mV
RIN
Input termination resistance
Differential
200
Ω
CIN
Input capacitance, differential
3.7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com