Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 63 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 59Page - Texas Instruments ADC14X250 Datasheet HTML 60Page - Texas Instruments ADC14X250 Datasheet HTML 61Page - Texas Instruments ADC14X250 Datasheet HTML 62Page - Texas Instruments ADC14X250 Datasheet HTML 63Page - Texas Instruments ADC14X250 Datasheet HTML 64Page - Texas Instruments ADC14X250 Datasheet HTML 65Page - Texas Instruments ADC14X250 Datasheet HTML 66Page - Texas Instruments ADC14X250 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
63
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Device Support (continued)
elastic buffer. This latency is specified to be deterministic if the JESD204B subclass 1 requirements
are satisfied.
SIGNAL-TO-NOISE RATIO (SNR) is the ratio, expressed in dB, of the power of the input signal to the total
power of all other spectral components, not including harmonics and DC. SNR is usually expressed
relative to the power of a possible full-scale sinusoid [dBFS] or relative to the power of the actual
input carrier signal [dBc].
SIGNAL-TO-NOISE AND DISTORTION (SINAD) is the ratio, expressed in dB, of the power of the input signal to
the total power of all of the other spectral components, including harmonics but excluding DC.
SINAD is usually expressed relative to the power of a possible full-scale sinusoid [dBFS] or relative
to the power of the actual input carrier signal [dBc].
NON-HD2/HD3 SPUR is the ratio, expressed in dB, of the power of the peak spurious signal to the power of the
input signal, where a spurious signal is any signal present in the output spectrum that is not present
at the input excluding the second and third harmonic distortion. This parameter is usually expressed
relative to the power of a possible full-scale sinusoid [dBFS] or relative to the power of the actual
input carrier signal [dBc].
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the ratio, expressed in dB, of the input signal power to the
peak spurious signal power, where a spurious signal is any signal present in the output spectrum
that is not present at the input. SINAD is usually expressed relative to the power of a possible full-
scale sinusoid [dBFS] or relative to the power of the actual input carrier signal [dBc].
SECOND HARMONIC DISTORTION (2ND HARM or HD2) is the ratio, expressed in dB, of the power of the
input signal’s 2nd harmonic to the power of the input signal. HD2 is usually expressed relative to the
power of a possible full-scale sinusoid [dBFS] or relative to the power of the actual input carrier
signal [dBc].
THIRD HARMONIC DISTORTION (3RD HARM or HD3) is the ratio, expressed in dB, of the power of the input
signal’s 3rd harmonic to the power of the input signal. HD3 is usually expressed relative to the
power of a possible full-scale sinusoid [dBFS] or relative to the power of the actual input carrier
signal [dBc].
TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dB, of the total power of the first eight
harmonics (HD2 through HD9) to the input signal power. THD is usually expressed relative to the
power of a possible full-scale sinusoid [dBFS] or relative to the power of the actual input carrier
signal [dBc].
12.1.1.2 JESD204B Definitions
DEVICE CLOCK is a master clock signal from which a device must generate its local frame and local multi-
frame clocks. For the ADC14X250 device, this refers to the signal at the CLKIN input.
FRAME
is a set of consecutive octets in which the position of each octet can be identified by references to a
frame alignment signal.
FRAME CLOCK is a signal used for sequencing frames or monitoring their alignment. For the ADC14X250
device, this clock is internally generated and is not externally accessible.
LINK (DATA LINK) is an assembly, consisting of parts of two devices and the interconnecting data circuit, that is
controlled by a long protocol enabling data to be transferred from a data source to a data sink. The
link includes portions of the ADC14X250 device (transmitter), FPGA or ASIC (receiver), and the
hardware that connects them.
LOCAL MULTI-FRAME CLOCK (LMFC) is a signal used for sequencing multi-frames or monitoring their
alignment. This clock is derived inside the ADC14X250 device from the device clock and used in
the implementation of the JESD204B link within the device.
MULTI-FRAME is a set of consecutive frames in which the position of each frame can be identified by reference
to a multi-frame alignment signal.
OCTET
is a group of eight adjacent binary digits, serving as the input to an 8B/10B encoder or the output of
an 8B/10B decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com