Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 48 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 44Page - Texas Instruments ADC14X250 Datasheet HTML 45Page - Texas Instruments ADC14X250 Datasheet HTML 46Page - Texas Instruments ADC14X250 Datasheet HTML 47Page - Texas Instruments ADC14X250 Datasheet HTML 48Page - Texas Instruments ADC14X250 Datasheet HTML 49Page - Texas Instruments ADC14X250 Datasheet HTML 50Page - Texas Instruments ADC14X250 Datasheet HTML 51Page - Texas Instruments ADC14X250 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
100:
0.1uF
SYSREF
Transmitter
100:-diff
VIS = 0.5V
1k:
SYSREF
Receiver
2.5k:
10k:
1.2V
1.5k:
PCB Channel
SYSREF
Detection
Feature
SYSREF
Offset
Feature
S1a
S1b
S2a
S2b
48
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
9.1.2.3 Driving the SYSREF Input
The SYSREF input interface circuit is composed of the differential receiver, internal common-mode bias,
SYSREF offset feature, and SYSREF detection feature.
A high impedance (10-k
Ω) reference biases the input common-mode through internal 1-kΩ termination resistors.
The bias voltage is similar to the CLKIN input common-mode bias, but the internal differential termination is
different. The SYSREF input requires an external 100-
Ω termination. A network of resistors and switches are
included at the input interface to provide a programmable DC offset, referred to as the SYSREF offset feature.
This feature is configurable through the SPI and may be utilized to force a voltage offset at the SYSREF input in
the absence of an active SYSREF signal. Following the receiver, an AND gate provides a method for detecting
or ignoring incoming SYSREF events.
The timing relationship between the CLKIN and SYSREF signal is very important in a JESD204B system.
Therefore, the signal path network of the CLKIN and SYSREF signals must be as similar as possible to ensure
that the signal relationship is maintained from the launch of the signal, through their respective channels to the
CLKIN and SYSREF input receivers.
TI recommends AC coupling for the SYSREF interface as shown in Figure 50. This network closely resembles
the AC coupled interface of the CLKIN input shown in Figure 46 with the exception of the 100-
Ω termination
resistor on the source side of the AC coupling capacitors. This resistor is intentionally placed on the source side
of the AC coupling capacitors, so that the termination does not interfere with the DC biasing capabilities of the
SYSREF offset feature. In the case of AC coupling, the coupling capacitors of both the CLKIN and SYSREF
interfaces, as well as the SYSREF termination resistor, must be placed as close as possible to the pins of the
ADC14X250 device.
Figure 50. SYSREF Input Receiver and AC Coupled Interface
DC coupling of the SYSREF interface is possible, but not recommended. DC coupling allows all possible
SYSREF signaling types to be used without the use of the SYSREF offset feature, but it has strict common-mode
range requirements. The example DC coupled configuration of Figure 51 uses the same technique for the CLKIN
example DC coupled interface and also includes the 100-
Ω external termination. A drawback of the example DC
coupled interface is that the resistor divider draws a constant DC current that must be sourced by the SYSREF
transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com