Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 45 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 41Page - Texas Instruments ADC14X250 Datasheet HTML 42Page - Texas Instruments ADC14X250 Datasheet HTML 43Page - Texas Instruments ADC14X250 Datasheet HTML 44Page - Texas Instruments ADC14X250 Datasheet HTML 45Page - Texas Instruments ADC14X250 Datasheet HTML 46Page - Texas Instruments ADC14X250 Datasheet HTML 47Page - Texas Instruments ADC14X250 Datasheet HTML 48Page - Texas Instruments ADC14X250 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
Driver
RS
LC LPF
VCMO = VCM
VCC+
VCC-
VIN+
VIN-
VCM
ADC
RL
0.1uF
200:
0.1uF
5:
Driver
Rs
0.1uF
LC BPF
Vcc+
VIN+
VIN-
VCM
ADC
RL
0.1uF
0.1uF
10uF
10uF
10 :
5 :
5 :
45
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Figure 44. Bandpass Filter Anti-Aliasing Interface
DC coupling to the analog input is also possible but the input common-mode must be tightly controlled for
specified performance. The driver device must have an output common-mode that matches the input common-
mode of the ADC14X250 device and the driver must track the VCM output from the ADC14X250 device, as
shown in the example DC coupled interface of Figure 45 because the input common-mode varies with
temperature. The common-mode path from the VCM output, through the driver device, back to the ADC14X250
device input, and through a common-mode detector inside the ADC14X250 device forms a closed tracking loop
that will correct common-mode offset contributed by the driver device but the loop must be stable to ensure
correct performance. The loop requires the large, 10-µF capacitor at the VCM output to establish the dominant
pole for stability and the driver device must reliably track the VCM output voltage bias. The current drive strength
and voltage swing of the VCM output bias limits the correctable amount of common-mode offset.
Figure 45. DC Coupled Interface
9.1.1.5 Clipping
The ADC14X250 device has two regions of signal clipping: code clipping (over-range) and ESD clipping. When
the input signal amplitude exceeds the full-scale reference range, code clipping occurs during which the digital
output codes saturate. If the signal amplitude increases beyond the absolute maximum rating of the analog
inputs, ESD clipping occurs due to the activation of ESD diodes.
TI does not recommend ESD clipping and activation of the ESD diodes at the analog input, which may damage
or shorten the life of the device. This clipping may be avoided by selecting an ADC driver with an appropriate
saturating output voltage, by placing insertion loss between the driver and ADC, by limiting the maximum
amplitude earlier in the signal path at the system level, or by using a dedicated differential signal limiting device
such as back-to-back diodes. Any signal swing limiting device must be chosen carefully to prevent added
distortion to the signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com