Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 1 Page - Texas Instruments

  ADC14X250 Datasheet HTML 1Page - Texas Instruments ADC14X250 Datasheet HTML 2Page - Texas Instruments ADC14X250 Datasheet HTML 3Page - Texas Instruments ADC14X250 Datasheet HTML 4Page - Texas Instruments ADC14X250 Datasheet HTML 5Page - Texas Instruments ADC14X250 Datasheet HTML 6Page - Texas Instruments ADC14X250 Datasheet HTML 7Page - Texas Instruments ADC14X250 Datasheet HTML 8Page - Texas Instruments ADC14X250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
Frequency [MHz]
0
25
50
75
100
125
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Temperature [qC]
-40
-20
0
20
40
60
80
100
60
65
70
75
80
85
90
95
100
105
110
SNR [dBFS]
SINAD [dBFS]
SFDR [dBFS]
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADC14X250
SLASE49 – DECEMBER 2015
ADC14X250 14-Bit 250 MSPS Single Channel ADC With 5 Gb/s JESD204B Output
1
1 Features
1
•
Resolution: 14-Bit
•
Conversion Rate: 250 MSPS
•
Performance:
–
Input: 240 MHz, –3 dBFS
–
SNR: 70.1 dBFS
–
Noise Spectral Density: –151.1 dBFS/Hz
–
SFDR: 87 dBFS
–
Non-HD2 and Non-HD3 SPUR: –92 dBFS
–
No Input SNR: 71.1 dBFS
•
Power Dissipation: 584 mW
•
Performance Rated up to 105°C (at thermal pad)
•
JESD204B Subclass 1 Single Lane Serial Data
Interface With Lane Rate Up To 5 Gb/s
•
Buffered Analog Inputs
•
Differential Input Phase and Amplitude Correction
•
Input Sampling Clock Divider (Divide-by-1,2,4,8)
•
4-Wire Serial Peripheral Interface (SPI)
•
32-Pin WQFN Package (5×5 mm, 0.5-mm Pitch)
2 Applications
•
High IF Sampling Receivers
•
Multi-Carrier Base Station Receivers
–
GSM/EDGE, CDMA2000, UMTS, LTE, WiMax
•
Diversity, Multi-Mode, and Multiband Receivers
•
Digital Pre-Distortion
•
Software Defined Radio (SDR)
•
Test and Measurement Equipment
•
Communications Instrumentation
•
Radar
•
Portable Instrumentation
3 Description
The ADC14X250 device is a monolithic single-
channel high performance analog-to-digital converter
capable of converting analog input signals into 14-bit
digital words with a sampling rate of 250 MSPS. This
converter uses a differential pipelined architecture
with integrated input buffer to provide excellent
dynamic performance and low power consumption
across an extended temperature range from –40°C to
105°C as measured at the device's PCB footprint
thermal pad.
The
integrated
input
buffer
eliminates
charge
kickback noise coming from the internal switched
capacitor sampling circuits and eases the system-
level design of the driving amplifier, anti-aliasing filter,
and impedance matching. The buffer can be also be
adjusted
to
correct
for
phase
and
amplitude
imbalance of the differential input signal path to
improve even order harmonic distortion. An input
sampling clock divider provides integer divide ratios
to simplify system clocking. An integrated low-noise
voltage reference eases board level design without
requiring external decoupling capacitors. The output
digital data is provided through a JESD204B subclass
1 single lane interface from a 32-pin, 5-mm × 5-mm
WQFN package. The ADC14X250 operates on 1.2 V,
1.8 V and 3.0 V power supplies. A SPI is available to
configure the device that is compatible with 1.2-V to
3-V logic.
Device Information(1)
PART NAME
PACKAGE
BODY SIZE (NOM)
ADC14X250
WQFN (32)
5.00 × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACE
1-Tone Spectrum, Input 240 MHz –3 dBFS
Performance Stability Across Temperature (240 MHz)


Similar Part No. - ADC14X250

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14061 NSC-ADC14061 Datasheet
471Kb / 20P
Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC14061CCVT NSC-ADC14061CCVT Datasheet
471Kb / 20P
Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
ADC14071CIVBH NSC-ADC14071CIVBH Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
ADC14071EVAL NSC-ADC14071EVAL Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
More results

Similar Description - ADC14X250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE8405 TI-AFE8405 Datasheet
3Mb / 152P
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Asahi Kasei Microsystem...
AK8411 AKM-AK8411 Datasheet
346Kb / 25P
Single Channel Input, 16 Bit 5 MSPS Video ADC
logo
Texas Instruments
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
Quad Channel 14-Bit 500 MSPS ADC
logo
Analog Devices
AD7490 AD-AD7490_17 Datasheet
748Kb / 29P
16-Channel, 1 MSPS, 12-Bit ADC
12/12-Rev. C to Rev. D
logo
Texas Instruments
VSP5324-Q1 TI1-VSP5324-Q1 Datasheet
1Mb / 59P
4-Channel, 12-Bit, 80-MSPS ADC
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com