Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 31Page - Texas Instruments ADC14X250 Datasheet HTML 32Page - Texas Instruments ADC14X250 Datasheet HTML 33Page - Texas Instruments ADC14X250 Datasheet HTML 34Page - Texas Instruments ADC14X250 Datasheet HTML 35Page - Texas Instruments ADC14X250 Datasheet HTML 36Page - Texas Instruments ADC14X250 Datasheet HTML 37Page - Texas Instruments ADC14X250 Datasheet HTML 38Page - Texas Instruments ADC14X250 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
35
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
8.5.1.6 VENDOR_ID, [Address: 0x000D, 0x000C], [Default: 0x04, 0x51]
Table 12. VENDOR_ID, [Address: 0x000D, 0x000C], [Default: 0x04, 0x51]
Bit
Field
Type
Reset
Description
0x000C[7:0]
VENDOR_ID
[7:0]
Read
0x51
Vendor ID. Texas Instruments vendor ID is 0x0451.
0x000D[7:0]
VENDOR_ID
[15:8]
Read
0x04
8.5.1.7 SPI_CFG, [Address: 0x0010], [Default: 0x01]
Table 13. SPI_CFG, [Address: 0x0010], [Default: 0x01]
Bit
Field
Type
Reset
Description
[7:2]
Reserved
Read or write
000000
Reserved and must be written with 000000.
[1:0]
VSPI
Read or write
01
SPI logic level controls the SDO output logic level.
00 : 1.2 V
01 : 1.8 V (default)
10 : 2.5 V
11 : 3.0 V
This register must be configured (written) before making a read
command on the SPI bus if the logic level is different that the VSPI
setting. The SPI inputs (SDI, SCLK, and CSb) are compatible with
logic levels ranging from 1.2 to 3.0 V.
8.5.1.8 OM1 (Operational Mode 1), [Address: 0x0012], [Default: 0x81]
Table 14. OM1 (Operational Mode 1), [Address: 0x0012], [Default: 0x81]
Bit
Field
Type
Reset
Description
[7]
DF
Read or write
1
Output data format
0 : Offset binary
1 : Signed 2s complement (default)
[6:5]
Reserved
Read or write
00
Reserved and must be written with 00.
[4:3]
IDLE[1:0]
Read or write
00
SYSREF idle state offset configuration.
00 : No offset applied (default)
01 : SYSREF idles low (de-asserted) with –400-mV offset
10 : SYSREF idles high (asserted) with +400-mV offset
11 : Reserved
[2]
SYS_EN
Read or write
0
SYSREF detection gate enable
0 : SYSREF gate is disabled; (input is ignored, default)
1 : SYSREF gate is enabled
[1:0]
Reserved[1:0]
Read or write
01
Reserved. Must be written with 01.
8.5.1.9 OM2 (Operational Mode 2), [Address: 0x0013], [Default: 0x20]
Table 15. OM2 (Operational Mode 2), [Address: 0x0013], [Default: 0x20]
Bit
Field
Type
Reset
Description
[7:5]
Reserved
Read or write
001
Reserved and must be written with 001.
[4:3]
CLKDIV[1:0]
Read or write
00
Clock divider ratio. Sets the value of the clock divide factor, CLKDIV
00 : Divide by 1, CLKDIV = 1 (default)
01 : Divide by 2, CLKDIV = 2
10 : Divide by 4, CLKDIV = 4
11 : Divide by 8, CLKDIV = 8
[2:0]
Reserved
Read or write
000
Reserved. Must be written with 000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com