Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 5 Page - Texas Instruments

  ADC14X250 Datasheet HTML 1Page - Texas Instruments ADC14X250 Datasheet HTML 2Page - Texas Instruments ADC14X250 Datasheet HTML 3Page - Texas Instruments ADC14X250 Datasheet HTML 4Page - Texas Instruments ADC14X250 Datasheet HTML 5Page - Texas Instruments ADC14X250 Datasheet HTML 6Page - Texas Instruments ADC14X250 Datasheet HTML 7Page - Texas Instruments ADC14X250 Datasheet HTML 8Page - Texas Instruments ADC14X250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
AGND
VA3.0
VIN+
VIN-
+ -
VCM
100
Ÿ
100
Ÿ
VCM
VA3.0
+
-
+
-
AGND
VA3.0
+
-
SYSREF+
SYSREF-
1k:
0.5V
1k:
10k:
AGND
VA1.2
5
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE OR DIAGRAM
DESCRIPTION
NAME
NO.
SYSREF+
13
Differential SYSREF signal input pins
Each pin is internally terminated to a DC bias with a 1-
k
Ω resistor. An external 100-Ω differential termination
must always be provided. AC coupling using capacitors
is required for coupling the SYSREF signal to these
pins if the clock driver cannot meet the common-mode
requirements. In the case of AC coupling, the external
termination must be placed on the source side of the
coupling capacitors.
SYSREF–
14
VA1.2
7, 17, 28
Supply input pin
1.2-V analog power supply pins
These pins must be connected to a quiet source and
decoupled to AGND with a 0.1-
μF and 0.01-μF
capacitor located close to each pin.
VA1.8
12, 29, 32
Supply input pin
1.8-V analog power supply pins
These pins must be connected to a quiet source and
decoupled to AGND with a 0.1-
μF and 0.01-μF
capacitor located close to each pin.
VA3.0
1
Supply input pin
3-V analog power supply pin
This pin must be connected to a quiet source and
decoupled to AGND with a 0.1-
μF and 0.01-μF
capacitor located close to the pin.
VCM
6
Input interface common mode voltage
This pin must be bypassed to AGND with low
equivalent series inductance (ESL) 0.1-
μF capacitors.
One capacitor should be placed as close to the pin as
possible and additional capacitors placed at the bias
load points. 10-
μF capacitors should also be placed in
parallel. TI recommends to use VCM to provide the
common mode voltage for the differential analog
inputs. The input common mode bias is provided
internally for the ADC input; therefore, external use of
VCM is recommended, but not strictly required. The
recommended bypass capacitors are always required.
VIN+
3
Differential analog input pins
Each input pin is terminated to the internal common
mode reference with a resistor for an internal
differential termination. External resistors that terminate
to the common-mode voltage bias are recommended
but not strictly required. The total recommended
differential resistive termination (including the internal
200
Ω termination) is recommended to be between 50
Ω and 200 Ω.
VIN–
4
Exposed thermal pad
Exposed thermal pad
The exposed pad must be connected to the AGND
ground plane electrically and with good thermal
dissipation properties to achieve rated performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com