Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 23Page - Texas Instruments ADC14X250 Datasheet HTML 24Page - Texas Instruments ADC14X250 Datasheet HTML 25Page - Texas Instruments ADC14X250 Datasheet HTML 26Page - Texas Instruments ADC14X250 Datasheet HTML 27Page - Texas Instruments ADC14X250 Datasheet HTML 28Page - Texas Instruments ADC14X250 Datasheet HTML 29Page - Texas Instruments ADC14X250 Datasheet HTML 30Page - Texas Instruments ADC14X250 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
L=1
S=1
F=2
Octet 0
(MSB)
(LSB)
Octet 1
(MSB)
(LSB)
D[13:0] = Sampled Data
0 = Zero padded bit
Lane
D[0]
D[8]
0
D[1]
D[2]
D[3]
D[4]
D[5]
D[6]
D[7]
N=16
CS=0
1¶=16
0
D[13] D[12] D[11] D[10] D[9]
27
ADC14X250
www.ti.com
SLASE49 – DECEMBER 2015
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
The ADC14X250 supports most subclass 0 requirements, but is not strictly subclass compliant.
8.3.7 Data Format
Data may be output in the serial stream as 2’s complement format by default or optionally as offset binary. This
formatting is configured through the SPI and is performed in the data path prior to JESD204B data framing,
scrambling and 8b/10b encoding.
8.3.8 JESD204B Supported Features
The ADC14X250 device supports a feature set of the JESD204B standard targeted to its intended applications
but does not implement all the flexibility of the standard. Table 3 summarizes the level of feature support.
Table 3. ADC14X250 Feature Support for the JESD204B Serial Interface
Feature
Supported
Not Supported
Subclass
•
Subclass 1
•
Subclass 0(1), 2
Device Clock
(CLKIN) and
SYSREF
•
AC coupled CLKIN and SYSREF
•
DC coupled CLKIN and SYSREF (special cases)
•
Periodic, Pulsed Periodic and One-Shot SYSREF
Latency
•
Deterministic
latency
supported
for
subclass
1
implementations using standard SYSREF signal
•
Deterministic latency not supported for non-
standard implementations
Electrical layer
features
•
LV-OIF-11G-SR interface and performance
•
AC coupled serial lanes
•
TX lane polarity inversion
•
DC coupled serial lanes
Transport layer
features and
configuration
•
L = 1
•
K configuration
•
Scrambling
•
F, S, and HD configuration depends on L and is
not independently configurable
•
M, N, N’, CS, CF configuration
•
Idle link mode
•
Short and Long transport layer test patterns
Data link layer
features
•
8b/10b encoding
•
Lane synchronization
•
D21.5, K28.5, ILA, PRBS7, PRBS15, PRBS23, Ramp test
sequences
•
RPAT/JSPAT test sequences
8.3.9 Transport Layer Configuration
The transport layer features supported by the ADC14X250 device are a subset of possible features described in
the JESD204B standard. The configuration options are intentionally simplified to provide the lowest power and
most easy-to-use solution.
8.3.9.1 Lane Configuration
The ADC14X250 outputs all digital data on a single JESD204B serial lane. The serial-data lane transmits at 20
times the sampling rate. A 250 MSPS sampling rate corresponds to a 5.0 Gb/s per lane rate.
8.3.9.2 Frame Format
The format of the data arranged in a frame is fixed. The octets per frame (F), samples per frame (S), and high-
density mode (HD) parameters are not independently configurable. The N, N’, CS, CF, M, and HD parameters
are fixed and not configurable. Figure 35 shows the data format.
Figure 35. Transport Layer Definitions for the Supported-Lane Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com