Electronic Components Datasheet Search
  English  ▼

X  

ADC14X250 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Datasheet(HTML) 4 Page - Texas Instruments

  ADC14X250 Datasheet HTML 1Page - Texas Instruments ADC14X250 Datasheet HTML 2Page - Texas Instruments ADC14X250 Datasheet HTML 3Page - Texas Instruments ADC14X250 Datasheet HTML 4Page - Texas Instruments ADC14X250 Datasheet HTML 5Page - Texas Instruments ADC14X250 Datasheet HTML 6Page - Texas Instruments ADC14X250 Datasheet HTML 7Page - Texas Instruments ADC14X250 Datasheet HTML 8Page - Texas Instruments ADC14X250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
AGND
VA3.0
SYNC+
50:
50:
SYNC-
1k:
2.5V
AGND
2k:
2k:
34k:
34k:
3pF
1k:
2.5V
VA3.0
+
-
SDO
80:
80:
VA3.0
VA1.2
AGND
S+
S-
VA3.0
VA3.0
VA1.2
4
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE OR DIAGRAM
DESCRIPTION
NAME
NO.
CSB
23
SPI chip select pin
When this signal is asserted, SCLK is used to clock the
input serial data on the SDI pin or output serial data on
the SDO pin. When this signal is de-asserted, the SDO
pin is high impedance and the input data is ignored.
Active low. A 10 k
Ω pull-up resistor to a supply
corresponding to the CSB drive logic level is
recommended to prevent undesired activation of the
SPI bus. Compatible with 1.2- to 3-V CMOS logic
levels.
SO+
19
Differential high speed serial data lane pins
These pins must be AC coupled to the receiving
device. The differential trace routing from these pins
must maintain a 100-
Ω characteristic impedance.
SO–
20
SCLK
24
SPI serial clock pin
Serial data is shifted into and out of the device
synchronous with this clock signal. Compatible with
1.2- to 3-V CMOS logic levels.
SDI
25
SPI data input pin
Serial data is shifted into the device on this pin while
the CSB signal is asserted. Compatible with 1.2- to 3-V
CMOS logic levels.
SDO
26
SPI data output pin
Serial data is shifted out of the device on this pin
during a read command while CSB is asserted. The
output logic level is configurable as 1.2, 1.8, 2.5, or 3
V. The output level must be configured after power up
and before performing a read command. See the
Register Descriptions for configuration details.
SYNCb+
15
Differential SYNCb signal input pins
DC coupling is required for coupling the SYNCb signal
to these pins. Each pin is internally terminated to the
DC bias with a large resistor. An internal 100-
Ω
differential termination is provided therefore an external
termination is not required. Additional resistive
components in the input structure give the SYNCb
input a wide input common-mode range. The SYNCb
signal is active low and therefore asserted when the
voltage at SYNCb+ is less than at SYNCb–.
If JESD204B sync~ signals are directed via SPI (with
SYNC_SEL=1), then SYNCb+ and SYNCb- may
remain not connected.
SYNCb–
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com