| Electronic Components Datasheet Search |
|
DP8344 Datasheet(PDF) 31 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8344 Datasheet(HTML) 31 Page - National Semiconductor (TI) |
|
31 / 184 page ![]() 20 CPU Description (Continued) Figure 2-14 shows the relationship between CPU-CLK ICLK and IA for a two T-state instruction The rising edge of CPU-CLK generates ICLK at the start of T1 The next falling edge of CPU-CLK increments the instruction address which appears on IA ICLK falls one-half T-state later The instruc- tion completes during T2 which ends with ICLK rising signi- fying the beginning of the next instruction The three T-state program control instruction is similar and is shown in Figure 2-15 An additional T-state TX is added between T1 and T2 ICLK rises at the beginning of T1 as before but falls at the end of TX The next instruction ad- dress is generated one-half T-state before the end of TX and the instruction ends with T2 The three T-state data memory access instruction timing is shown in Figure 2-16 Again TX is inserted between T1 and T2 ICLK rises at the beginning of the instruction and falls at the end of T1 The next instruction address appears on IA one-half clock cycle before ICLK falls The address latch enable output ALE rises halfway through T1 and falls half- way through TX The BCP has a 16-bit data memory ad- dress bus and an 8-bit data bus The data bus is multiplexed with the lower 8 bits of the address bus and ALE is used to latch the lower 8 bits of the address during a data memory access The upper 8 bits of the address become valid one- half T-state after the beginning of T1 and go invalid one-half T-state after the end of T2 The lower 8 bits of the address become valid on the address-data bus AD when ALE rises and goes invalid one-half T-state after ALE falls Figure 2-16 shows a write to data memory in which case AD switches from address to data at the beginning of T2 The data is held valid until one-half T-state after the end of T2 The write strobe WRITE falls at the beginning of T2 and rises at the end of T2 A read of data memory is shown in Figure 2-17 The read timing is the same as a write except one-half T-state after ALE falls AD goes into a high impedance state allowing data to enter the BCP from data memory AD re- turns to an active state at the end of T2 The read strobe READ timing is identical to WRITE TLF9336 – D7 FIGURE 2-14 Two T-state Instruction TLF9336 – D8 FIGURE 2-15 Three T-state Program Control Instruction 31 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |