Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 61Page - National Semiconductor (TI) DP8344 Datasheet HTML 62Page - National Semiconductor (TI) DP8344 Datasheet HTML 63Page - National Semiconductor (TI) DP8344 Datasheet HTML 64Page - National Semiconductor (TI) DP8344 Datasheet HTML 65Page - National Semiconductor (TI) DP8344 Datasheet HTML 66Page - National Semiconductor (TI) DP8344 Datasheet HTML 67Page - National Semiconductor (TI) DP8344 Datasheet HTML 68Page - National Semiconductor (TI) DP8344 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 184 page
background image
40 Remote Interface and Arbitration System (RIAS) (Continued)
Remote Accesses other than to
RIC
are accomplished
with the CMD pin low in conjunction with asserting RAE low
along with REM-WR or REM-RD being taken low The type
of access performed is defined by the Memory Select bits in
RIC
as shown in
Figure 4-5
76
5
4
3
2
1
0
BIS
SS
FBW
LR
LW
ST
MS1
MS0
X
Y
Memory Select Bits
00 - Data Memory
01 - Instruction Memory
10 - PC low byte
11 - PC high byte
FIGURE 4-5 Memory Select Bits in RIC
Reads or writes of Data Memory (DMEM) are preceded by
setting the Memory Select bits in
RIC
for a DMEM ac-
cess
MS10
e
00 After that the RP simply reads or
writes to BCP Data Memory as many times as it needs to A
DMEM access as well as a
RIC
access can be made
while the BCP CPU is executing instructions All other ac-
cesses must be executed with the BCP CPU stopped
The timing for a Data Memory read and write are shown in
Figure 4-6 The access is initiated by asserting RAE and
REM-RD or REM-WR while CMD is low The BCP responds
by bringing its address and data lines into TRI-STATE and
allowing the RP to control DMEM READ is asserted in the
Access Phase of a Remote Read
Figure 4-6(a) It will stay
low for a minimum of one T-state but can be extended by
adding programmable data wait states or by taking WAIT
low WRITE is asserted in the Access Phase with a remote
write It too is a minimum of one T-state and can be in-
creased by adding programmable wait states or by taking
WAIT low
Figure 4-7(c) shows the data path from the Program Coun-
ter to the AD bus Both high and low PC bytes can be writ-
ten or read through AD The RP has independent control of
the high and low bytes of the Program Counterthe byte
being accessed is specified in the Memory Select bits The
high byte of the PC is accessed by setting MS1–0 e 11
Setting MS1–0 e 10 allows access to the low byte of the
PC After the Memory Select bits are set by a Remote Write
to RIC
the byte selected can be read or written by the RP
by executing a Remote Access with CMD low Remote ac-
cesses to both the high and low bytes of the PC as well as
the instruction memory access must be executed with the
BCP CPU idle Four accesses by the RP are necessary to
read or write both the high and low bytes of the PC Timing
for a PC access is shown in
Figure 4-7(a) and (b) The PC
becomes valid on a Remote Read
(a) one T-state after LCL
rises and one T-state before XACK rises AD is in TRI-
STATE while LCL is high for a Remote Write
(b) Time in the
Access Phase is two T-states if WAIT is not asserted
Instruction memory (IMEM) is accessed through another in-
ternal path from AD to the I bus shown in
Figure 4-8(c)
The memory is accessed first low byte then high byte Low
and high bytes of the 16-bit I bus are alternately accessed
for Remote Reads An 8-bit holding register ILAT retains
the low byte until the high byte is written by the Remote
Processor for the write to IMEM The BCP increments the
PC after the high byte has been accessed
TLF9336 – 83
(a) Remote Read Timing (RAE e 0)
TLF9336 – 84
(b) Remote Write Timing (RAE e 0)
FIGURE 4-6 Generic DMEM Access
Timing for an IMEM access is shown in
Figure 4-8(a) and
(b) As before the Memory Select bits are first set to instruc-
tion memory
MS1–0 e 01 It is only necessary to set
MS1–0 once for repeated IMEM accesses (Instruction
Memory is the power-up Memory Selection state) A simple
state machine keeps track of which instruction byte is ex-
pected nextlow or high byte The state machine powers
up looking for the low instruction byte and every IMEM ac-
cess causes this state machine to switch to the alternate
byte Accesses other than to IMEM will not cause the state
machine to switch to the alternate byte but writing 01 to the
Memory Select bits in RIC (ie MS1–0 e 01 pointing to
IMEM) will always force the state machine to the ‘‘low byte
state’’ This way the instruction word boundary can be reset
without resetting the BCP When the BCP is reset the state
machine will also be forced to the ‘‘low byte state’’
Figure 4-8(a) shows a Remote Read of Instruction memory
Both the low byte then the high byte can be seen on back
to back remote reads An instruction byte becomes active
on the AD bus one T-state after LCL rises and is valid when
XACK rises This time period will be a minimum of one
T-state but can be extended up to three more T-states by
instruction wait states
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com