Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 86Page - National Semiconductor (TI) DP8344 Datasheet HTML 87Page - National Semiconductor (TI) DP8344 Datasheet HTML 88Page - National Semiconductor (TI) DP8344 Datasheet HTML 89Page - National Semiconductor (TI) DP8344 Datasheet HTML 90Page - National Semiconductor (TI) DP8344 Datasheet HTML 91Page - National Semiconductor (TI) DP8344 Datasheet HTML 92Page - National Semiconductor (TI) DP8344 Datasheet HTML 93Page - National Semiconductor (TI) DP8344 Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 184 page
background image
40 Remote Interface and Arbitration System (RIAS) (Continued)
TLF9336 – G7
(a) This timing diagram shows the second remote access violating rest time The first set of arrows shows the
BCP sampling a valid remote write The second set of arrows (1 T-state later) shows the BCP sampling the end of
the first remote access If a second remote access starts before the position of the third set of arrows (another
15 T-states later) the value of CMD will not be sampled The value of CMD has changed from the first remote
access so the BCP will write to the wrong location during the second access
TLF9336 – G8
(b) This timing diagram shows the second remote access violating rest time The first set of arrows shows the
BCP sampling a valid remote write The second set of arrows (1 T-state later) shows the BCP sampling the end of
the first remote access If a second remote access starts before the position of the third set of arrows (another
15 T-states later) the value of CMD will not be sampled The value of CMD does not change from the first remote
access so the BCP will write to the intended location during the second remote access
TLF9336 – G9
(c) This timing diagram shows the timing needed to avoid violating rest time for all modes except
latched write The first set of arrows shows the BCP sampling the end of the first remote access
The second set of arrows (15 T-states later) shows the BCP recognizing no remote access has
started and the value of CMD will be sampled for the next remote access The third set of arrows
shows the BCP sampling the correct value of CMD for the second remote access
FIGURE 4-25 Remote Rest Time for All Modes except Latched Write
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com