| Electronic Components Datasheet Search |
|
DP8344 Datasheet(PDF) 35 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8344 Datasheet(HTML) 35 Page - National Semiconductor (TI) |
|
35 / 184 page ![]() 20 CPU Description (Continued) lowing the instruction after the write to DCR A write to DCR 2–0 to change the number of data wait states will take effect on the next data memory access instruction even if it immediately follows the write to DCR A write to DCR 2–0 to change the number of data wait states or to ACR 4TR will take effect on the next data memory access instruction even if it immediately follows write to DCR or ACR Both instruction and data wait states cause the insertion of additional T-states prior to T2 and these T-states are referred to as TW The purpose of instruction wait states is to increase the time from instruc- tion address generation to the beginning of the next instruc- tion cycle Data wait states increase the time from data memory address generation to the removal of the strobe at the end of data memory access instructions Therefore in- struction and data wait states are counted concurrently in a data memory access instruction and TX of a data memory access instruction is counted as one instruction wait state The actual number of wait states added to a data memory access is calculated as the maximum between the number of data wait states and one less than the number of instruction wait states Figure 2-21 shows a write of data memory with one wait state This could be accomplished by selecting two instruction wait states or one data wait state The effect of the wait state is to increase the time the write strobe is active and the data is valid on AD The same situa- tion for a read of data memory is shown in Figure 2-22 Note that if 4TR is set to one then one data wait state has no additional affect on a read of data memory and the timing is the same as shown in Figure 2-18 The affect of two data memory wait states and 4TR set to one is shown in Figure 2-23 A two T-state instruction with two instruction wait states is shown in Figure 2-24 and a four T-state in- struction with one instruction wait state is shown in Figure 2-25 As stated earlier instruction wait states are inserted before T2 Adding wait states to a four T-state two word instruction causes the wait states to count twice when cal- culating total instruction cycle time The wait states are add- ed to each of the two words of the instruction TLF9336 – E4 FIGURE 2-21 Data Memory Write with One Wait State 35 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |