Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 78Page - National Semiconductor (TI) DP8344 Datasheet HTML 79Page - National Semiconductor (TI) DP8344 Datasheet HTML 80Page - National Semiconductor (TI) DP8344 Datasheet HTML 81Page - National Semiconductor (TI) DP8344 Datasheet HTML 82Page - National Semiconductor (TI) DP8344 Datasheet HTML 83Page - National Semiconductor (TI) DP8344 Datasheet HTML 84Page - National Semiconductor (TI) DP8344 Datasheet HTML 85Page - National Semiconductor (TI) DP8344 Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 184 page
background image
40 Remote Interface and Arbitration System (RIAS) (Continued)
state and A and AD continue to be tri-stated This allows the
Remote Processor to drive the Data Memory address and
data buses for the write Since DMEM is subject to wait
states RSD4 is looped upon until all the programmed Data
Memory wait states have been inserted
The last possible Memory Selection is Instruction Memory
MS1–0 e 01 The two possible next states for IMEM de-
pend on whether RASM is expecting the low byte or high
byte Instruction words are accessed low byte then high
byte and RASM powers up expecting the low Instruction
byte The internal flag that keeps track of the next expected
Instruction byte is called the High Instruction Byte flag (HIB)
If HIB is low the next state is RSD5 and the low instruction
byte is written into the holding register ILAT If HIB is high
the high instruction byte is moved to I15 – 8 and ILAT is
moved to I7 – 0 At the same time IWR is asserted low be-
ginning the write to instruction memory An IMEM access
like a DMEM access is subject to wait states and these
states will be looped on until all programmed instruction
memory wait states have been inserted
Note
Resetting the BCP will reset HIB (ie
HIB e 0) Writing 01 to the
Memory Select bits in RIC (ie
MS1–0 e 01 pointing to IMEM)
will also force HIB to zero This way the instruction word boundary
can be reset without resetting the BCP
After all of the programmed wait states are inserted into
RSD states more wait states may be added by asserting
WAIT low a half T-state before the end of the last pro-
grammed wait state If there are no programmed wait states
WAIT must be asserted low a half T-state before the end of
RSD to add wait states If WAIT remains low the remote
access is extended indefinitely All the RSD states converge
to state RSE on the next CPU-CLK after the programmed
wait state conditions are met and WAIT is high LCL remains
high in all RSE states and A and AD remain in TRI-STATE
as well XACK returns high in this state indicating that the
data is written and the cycle can be terminated by the RP
This state begins the Termination Phase
On the next clock the state machine will enter RSF and LCL
will return low The A and AD buses remain in TRI-STATE
for the first half T-state of RSF After the first half of RSF
the Remote Processor is no longer using the buses and the
BCP CPU can make an access to Data Memory by asserting
LCL-BREQ If a local bus request is made a local bus grant
will be given to the Timing Control Unit If the preceding
access was a write of IMEM then HIB is switched and if the
access was to the high byte of IMEM then the PC is incre-
mented If RAE REM-WR is deasserted at this point the
next clock will bring RASM back to RSA where it will loop
until another remote access is initiated RSG is entered if
RAE REM-WR is still true RASM will loop in RSG until
RAE REM-WR is no longer active at which time the state
machine will return to RSA
In
Figure 4-21 the BCP is executing the first of two Data
Memory writes when REM-WR goes low In response
XACK goes low waiting the Remote Processor At the end
of the first instruction although the BCP begins its second
write by taking ALE high RASM now takes control of the
bus and deasserts LCL high at the end of T1 A one T-state
delay is built into this transfer to ensure that WRITE has
been deasserted high before the data bus is switched The
Timing Control Unit is now waited inserting remote access
wait states TWr as RASM takes over
The remote access is permitted one T-state to settle on the
BCP address bus before WRITE goes low XACK then re-
turns high one T-state plus the programmed Data Memory
wait state TWd later having satisfied the memory access
time WRITE returns high at the same time and one T-state
later LCL returns low transferring bus control back to the
BCP The remote processor responds to XACK returning
high by deasserting REM-WR high although by this time the
BCP is well into its own memory write
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com