Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 65Page - National Semiconductor (TI) DP8344 Datasheet HTML 66Page - National Semiconductor (TI) DP8344 Datasheet HTML 67Page - National Semiconductor (TI) DP8344 Datasheet HTML 68Page - National Semiconductor (TI) DP8344 Datasheet HTML 69Page - National Semiconductor (TI) DP8344 Datasheet HTML 70Page - National Semiconductor (TI) DP8344 Datasheet HTML 71Page - National Semiconductor (TI) DP8344 Datasheet HTML 72Page - National Semiconductor (TI) DP8344 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 184 page
background image
40 Remote Interface and Arbitration System (RIAS) (Continued)
TLF9336 – 93
(a) Slow Buffered Write
TLF9336 – 94
(b) Fast Buffered Write
FIGURE 4-10 Buffered Write from Remote Processor
In both Buffered Write Modes XACK is asserted to wait the
RP The Latched Write Mode makes it possible for the RP to
write to the BCP without getting waited The timing for the
Latched Write Mode is shown in
Figure 4-11 When the Re-
mote Processor writes to the BCP its address and data
buses are externally latched on the rising edge of REM-WR
Even though REM-WR has been asserted XACK does not
TLF9336 – 95
FIGURE 4-11 Latched Write from Remote Processor
switch The BCP only begins remote access execution after
the trailing edge of REM-WR Since the RP is not requesting
data back from the BCP it can continue execution without
waiting for the BCP to complete the remote access After
REM-WR is deasserted WR-PEND is taken low to prevent
overwrite of the latches A minimum of two T-states later
LCL switches and AD A and the external address latch go
into TRI-STATE allowing the latches which contain the re-
mote address and data to become active If the RP attempts
to initiate another access before the current write is com-
plete XACK is taken low to wait the RP and the address
and the data are safe because WR-PEND prevents the
latches from opening
The Access Phase ends when
INT-WRITE rises and the data is written One T-state later
LCL falls and one T-state after that WR-PEND rises If an-
other access is pending it can begin in the next T-state
This is indicated by XACK rising when WR-PEND rises
A minimum BCPRP interface utilizes four TRI-STATE buff-
ers or latches A block diagram of this interface is shown in
Figure 4-12 The blocks A B C and D indicate the location
of buffers or latches Blocks A and B isolate 16 bits of the
RP’s address bus from the BCP’s Data Address bus Two
more blocks C and D bidirectionally isolate 8 bits of the
RP’s data bus from the BCP AD bus
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com