Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 6Page - National Semiconductor (TI) DP8344 Datasheet HTML 7Page - National Semiconductor (TI) DP8344 Datasheet HTML 8Page - National Semiconductor (TI) DP8344 Datasheet HTML 9Page - National Semiconductor (TI) DP8344 Datasheet HTML 10Page - National Semiconductor (TI) DP8344 Datasheet HTML 11Page - National Semiconductor (TI) DP8344 Datasheet HTML 12Page - National Semiconductor (TI) DP8344 Datasheet HTML 13Page - National Semiconductor (TI) DP8344 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 184 page
background image
10 Communications Processor Introduction (Continued)
Simultaneous access to both data and program memory
and instruction pipelining greatly enhance the speed per-
formance of the BCP making it well suited for real-time pro-
cessing The pipeline allows the next instruction to be re-
trieved from program memory while the current instruction is
being executed
13 TIMING INTRODUCTION
The timing of all CPU operations instruction execution and
memory access is related to the CPU clock This clock is
usually generated by a crystal and the internal oscillator
with optional divide by two circuitry The period of the result-
ing CPU clock is referred to as a T-state for example a
20 MHz CPU clock yields a 50 ns T-state Most CPU func-
tions such as arithmetic and logical operations shifts and
rotates and register moves require only two T-states
Branching instructions and data memory accesses require
three to four T-states
Each memory system has a separate programmable num-
ber of wait states to allow the use of slower memory devic-
es Instruction memory wait states are inserted into all in-
structions as shown in
Figure 1-5
thus they affect the
overall speed of program execution Instruction memory
wait states can also apply when the Remote Interface is
loading a program into instruction memory Data memory
wait states are only inserted into data memory access in-
structions hence there is less degradation in overall pro-
gram execution Refer to the Timing section for detailed ex-
amples of all BCP instruction and data memory timing
TLF9336 – C1
FIGURE 1-4 Memory Configuration
TLF9336 – C2
FIGURE 1-5 Effect of Memory Wait States on Timing
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com