| Electronic Components Datasheet Search |
|
DP8344 Datasheet(PDF) 70 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8344 Datasheet(HTML) 70 Page - National Semiconductor (TI) |
|
70 / 184 page ![]() 40 Remote Interface and Arbitration System (RIAS) (Continued) TLF9336 – 96 FIGURE 4-12 Minimum BCPRemote Processor Interface The BCP Remote Arbitrator State Machine (RASM) must know what hardware interfaces to the RP in order to time the remote accesses correctly To accomplish this three Interface Mode bits in RIC are used to define the hard- ware interface These bits are the Latched Write bit LW the Latched Read bit LR and the Fast Buffered Write bit FBW See Figure 4-13 76 5 4 3 2 1 0 BIS SS FBW LR LW ST MS1 MS0 X Y Interface Mode Bits – 0 – - Buffered Read – 1 – - Latched Read 0 – 0 - Slow Buffered Write 1 – 0 - Fast Buffered Write X – 1 - Latched Write FIGURE 4-13 Interface Mode Bits All combinations of Remote Reads or Writes with buffers or latches can be configured via the Interface Mode bits A Buffered Read is accomplished by using a buffer for block D and setting LR e 0 Conversely using a latch for block D and setting LR e 1 configures the RASM for Latched Reads Using buffers for blocks A B and C and setting LW e 0 allows either a Slow or Fast Buffered Write Set- ting FBW e 0 configures RASM for a Slow Buffered Write and FBW e 1 designates a Fast Buffered Write A Latched Write is accomplished by using latches for blocks A B and C and setting LW e 1 414 Execution Control The BCP can be started and stopped in two ways If the BCP is not interfaced to another processor it can be started by pulsing RESET low while both REM-RD and REM-WR are low Execution then begins at location zero If there is a Remote Processor interfaced to the BCP a write to RIC which sets the start bit STRT high will begin execution at the current PC location Writing a zero to STRT stops exe- cution after the current instruction is completed A Single- Step is accomplished by writing a one to the Single-Step bit SS in RIC This will execute the instruction at the current PC increment the PC and then return to idle SS returns low after the single-stepped instruction has completed SS is a write only bit and will always appear low when RIC is read Two pins (WAIT and LOCK) and one register bit LOR can also affect the BCP CPU or RIAS execution The WAIT pin can be used to add wait states to a remote access When WAIT must be asserted low to add wait states is de- pendent on which remote access mode is being used The information needed to calculate when WAIT must be assert- ed to add wait states is contained within the individual de- scriptions of the modes in the next section (42 RIAS Func- tional Description) 70 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |