Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 20Page - National Semiconductor (TI) DP8344 Datasheet HTML 21Page - National Semiconductor (TI) DP8344 Datasheet HTML 22Page - National Semiconductor (TI) DP8344 Datasheet HTML 23Page - National Semiconductor (TI) DP8344 Datasheet HTML 24Page - National Semiconductor (TI) DP8344 Datasheet HTML 25Page - National Semiconductor (TI) DP8344 Datasheet HTML 26Page - National Semiconductor (TI) DP8344 Datasheet HTML 27Page - National Semiconductor (TI) DP8344 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 184 page
background image
20 CPU Description (Continued)
mind that the Jcc instruction is just an optional syntax for
the conditional JMP instruction
The example in
Figure 2-5 demonstrates two possible ways
to code the conditional relative jump instruction when test-
ing for a false Z flag in CCR
In the example assume
that the symbol ‘‘Z’’ equals ‘‘000’’ binary that the symbol
‘‘NS’’ equals ‘‘0’’ binary and that the symbol ‘‘SKIPIT’’
points to the desired instruction with which to begin execu-
tion if Z is false
On the other hand the conditional absolute jump instruc-
tion LJMP can test any bit in any currently active CPU reg-
ister Table 2-14 shows the conditional long jump instruction
syntax
JMP
ZNSSKIPIT
If
Z
40 goto SKIPIT
-or-
JNZ
SKIPIT
If
Z
40 goto SKIPIT
FIGURE 2-5 Coding Examples of Equivalent
Conditional Jump Instructions
TABLE 2-11 Conditional Relative Jump Instruction
Syntax
Instruction Operation
Operand Range
Addressing Mode
JMP fsn
If the flag ‘‘f’’ is in the state ‘‘s’’
b
128 a127
Immediate
then PC a n (sign extended)
xPC
Jcc n
If the condition ‘‘cc’’ is met
b
128 a127
Immediate
then PC a n (sign extended)
xPC
Note
PC e Program Counter contents initially points to instruction following jump
TABLE 2-12 ‘‘f’’ Flags
‘‘f’’(Binary) Flag
Flag Name
Register
Containing Flag
000
Z
Zero
CCR
001
C
Carry
CCR
010
V
Overflow
CCR
011
N
Negative
CCR
100
RA
Receiver Active
TSR
101
RE
Receiver Error
TSR
110
DAV Data Available
TSR
111
TFF Transmitter FIFO Full
TSR
TABLE 2-13 ‘‘cc’’ Conditions Tested
‘‘cc’’ Field
Condition Tested for
Flag ‘‘f’’’s Condition
Z
Zero
Z
e
1
NZ
Not Zero
Z
e
0
EQ
Equal
Z
e
1
NEQ
Not Equal
Z
e
0
C
Carry
C
e
1
NC
No Carry
C
e
0
V
Overflow
V
e
1
NV
No Overflow
V
e
0
N
Negative
N
e
1
P
Positive
N
e
0
RA
Receiver Active
RA
e
1
NRA
Not Receiver Active
RA
e
0
RE
Receiver Error
RE
e
1
NRE
No Receiver Error
RE
e
0
DA
Data Available
DAV
e
1
NDA
No Data Available
DAV
e
0
TFF
Transmitter FIFO FULL
TFF
e
1
NTFF
Transmitter FIFO Not Full
TFF
e
0
TABLE 2-14 Conditional Absolute Jump Instruction
Syntax
Instruction Operation
Operand Range
Addressing Mode
LJMP
Rspsnn
If the bit of register ‘‘Rs’’ in
0 64k
Register Absolute
position ‘‘p’’ is in the state ‘‘s’’
then nn
xPC
Note
PC e Program Counter
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com