Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 56Page - National Semiconductor (TI) DP8344 Datasheet HTML 57Page - National Semiconductor (TI) DP8344 Datasheet HTML 58Page - National Semiconductor (TI) DP8344 Datasheet HTML 59Page - National Semiconductor (TI) DP8344 Datasheet HTML 60Page - National Semiconductor (TI) DP8344 Datasheet HTML 61Page - National Semiconductor (TI) DP8344 Datasheet HTML 62Page - National Semiconductor (TI) DP8344 Datasheet HTML 63Page - National Semiconductor (TI) DP8344 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 184 page
background image
30 Transceiver (Continued)
Legend
B
f To 211 Transformer
D
f From DP8344 Outputs
TLF9336 – G2
FIGURE 3-13 BCP Driver Design
Legend
A
f To 211 Transformer
Switch Open
Twisted Pair
Switch Closed
Coax
TLF9336 – G3
FIGURE 3-14 BCP CoaxTwisted Pair Front End
The cable shield must be continuous throughout the trans-
mission system and be grounded at the system unit and
each station Since twinax connectors have exposed metal
connected to their shield grounds care must be taken not to
expose them to noise sources The polarity of the two inner
conductors must also be maintained throughout the trans-
mission system
The transmission system is implemented in a balanced cur-
rent mode every receivertransmitter pair is directly cou-
pled to the twinax at all times Data is impressed on the
transmission line by unbalancing the line voltage with the
driver current The system requires passive termination at
both ends of the transmission line The termination resist-
ance value is given by
Rt e ZO2 where
Rt Termination Resistance
ZO Characteristic Impedance
In practice termination is accomplished by connecting both
conductors to the shield via 549X 1% resistors hence the
characteristic impedance of the twinax cable of 107X g5%
at 10 MHz Intermediate stations must not terminate the
line each is configured for ‘‘pass-through’’ instead of ‘‘ter-
minate’’ mode Stations do not have to be powered on to
pass twinax signals on to other stations all of the receiver
transmitter pairs are DC coupled Consequently devices
must never output any signals on the twinax line during pow-
er-up or down that could be construed as data or interfere
with valid data transmission between other devices
Driver Circuits for the DP8344B
The transmitter interface on the DP8344B is sufficiently
general to allow use in 3270 5250 and 8-bit transmission
systems Because of this generality some external hard-
ware is needed to adapt the outputs to form the signals
necessary to drive the twinax line The chip provides three
signals DATA-OUT DATA-DLY and TX-ACT DATA-OUT is
biphase serial data (inverted) DATA-DLY is the biphase se-
rial data output (non-inverted) delayed one-quarter bit-time
TX-ACT or transmitter active signals that serial data is be-
ing transmitted when asserted DATA-OUT and DATA-DLY
can be used to form the A and B phase signals with their
three levels by the circuit shown in
Figure 3-15 TX-ACT is
used as an external transmitter enable The BCP can invert
the sense of the DATA-OUT and DATA-DLY signals by as-
serting TIN
TMR 3
This feature allows both 3270 and
5250 type biphase data to be generated andor utilization
of inverting on non-inverting transmitter stages
Drivers for the 5250 environment may not place any signals
on the transmission system when not activated The power-
on and off conditions of drivers must be prevented from
causing noise on the system since other devices may be in
operation
Figure 3-15 shows a ‘‘DC power good’’ signal
enabling the driver circuit This signal will lock out conduc-
tion in the drivers if the supply voltage is out of tolerance
Twinax signals can be viewed as consisting of two distinct
phases phase A and phase B each with three levels off
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com