Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 54Page - National Semiconductor (TI) DP8344 Datasheet HTML 55Page - National Semiconductor (TI) DP8344 Datasheet HTML 56Page - National Semiconductor (TI) DP8344 Datasheet HTML 57Page - National Semiconductor (TI) DP8344 Datasheet HTML 58Page - National Semiconductor (TI) DP8344 Datasheet HTML 59Page - National Semiconductor (TI) DP8344 Datasheet HTML 60Page - National Semiconductor (TI) DP8344 Datasheet HTML 61Page - National Semiconductor (TI) DP8344 Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 184 page
background image
30 Transceiver (Continued)
form the 16-bit frame Additional fill bits may be inserted
between frames of a multi-frame transmission by loading
the fill bit register
FBR
with the one’s complement of the
number of fill bits to be transmitted A value of FF (hex)
corresponds to the addition of no extra fill bits At the con-
clusion of a message the transmitter will return to the idle
state after transmitting the 3 fill bits of the last frame (no
additional fill bits will be transmitted)
As shown in Table 3-1 the transceiver can operate in 2
different 5250 modes designated ‘‘promiscuous’’ and ‘‘non-
promiscuous’’ The transmitter operates in the same man-
ner in both modes
In the promiscuous mode the receiver passes all received
data to the CPU via the FIFO regardless of the station ad-
dress The CPU must determine which station is being ad-
dressed by reading TSR 2–0
before reading RTR
In the non-promiscuous mode the station address field
(B4 – B6) of the first frame must match the 3 least significant
bits of the Auxiliary Transceiver Register
ATR 2–0
be-
fore the receiver will pass the data on to the CPU If no
match is detected in the first frame of a message and if no
errors were found on that frame the receiver will reset to
idle looking for a valid start sequence If an address match
is detected in the first frame of a message the received
data is passed on to the CPU For the remainder of the
message all received frames are decoded in the same man-
ner as the promiscuous mode
To maintain maximum flexibility the receiver logic does not
interpret the station address or command fields in determin-
ing the end of a 5250 message The message typically ends
with no further line transitions after the third fill bit of the last
frame This end of message must be distinguished from a
loss of synchronization between frames of a multi-byte
transmission condition by looking for line activity some time
after the loss of synchronization occurs When the loss of
synchronization occurs during fill bit reception the receiver
monitors the Line Active flag
LA
for up to 11 biphase bit
times (11 ms at the 1 MHz data rate) If LA goes inactive at
any point during this period the receiver returns to the idle
state de-asserting RA and asserting LTA
If however
LA is still asserted at the end of this window the receiver
interprets this as a real loss of synchronization and flags the
LMBT error condition to the CPU (See Receiver Errors in
this section)
In the 5250 modes the Data-Error-or-Message-End DEME
flag is a decode of the 111 station address (the end of mes-
sage delimiter) and is valid only when DAV is asserted
This function allows the CPU to quickly determine when the
end of message has been received
The transmitter has the flexibility of holding TX-ACT active
at the end of a 5250 message thus reducing line reflections
and ringing during this critical time period The amount of
hold time is programmable from 0 ms to 155 ms in 500 ns
increments (assuming TCLK is 8 MHz) and is set by writing
the selected value to the upper 5-bits of the Auxiliary Trans-
ceiver Register
ATR 7–3
General Purpose 8-Bit Modes
As shown in Table 3-1 the transceiver can operate in 2
different 8-bit modes designated ‘‘promiscuous’’ and ‘‘non-
promiscuous’’ In the non-promiscuous mode the first frame
data byte (B2 – B9) must match the contents of ATR 7–0
before the receiver will load the FIFO and assert DAV
If
no match is made on the first frame and if no errors were
found on that frame the receiver will go back to idle looking
for a valid start sequence The address comparator logic is
not enabled in the promiscuous mode and therefore all re-
ceived frames are passed through the receive FIFO to the
CPU The transmitter operates in the same manner in both
modes
The serial bit positions relative to the parallel data loaded
into the transmit FIFO and presented to the CPU by the
receiver FIFO are shown in
Figure 3-11 To transmit a
frame the data byte is written to RTR
loading the trans-
mit FIFO where it propagates through to the last location to
be loaded into the encoder and formatted for transmission
Only OWP in TCR is loaded into the transmitter FIFO in
both protocol modes
TCR 2–0
are don’t cares B10 is
defined by a parity calculation on B1 – B9 odd if OWP is
high and even if OWP is low
When a frame is received the decoder loads the processed
data into the receive FIFO where it propagates through to
the last location and is mapped into
RTR
All bits are
exactly as received Reading the data is accomplished by
reading
RTR
TSR 2–0
are undefined in the 8-bit
modes
TLF9336 – 50
FIGURE 3-11 General Purpose 8-Bit Frame AssemblyDisassembly Procedure
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com