Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 55Page - National Semiconductor (TI) DP8344 Datasheet HTML 56Page - National Semiconductor (TI) DP8344 Datasheet HTML 57Page - National Semiconductor (TI) DP8344 Datasheet HTML 58Page - National Semiconductor (TI) DP8344 Datasheet HTML 59Page - National Semiconductor (TI) DP8344 Datasheet HTML 60Page - National Semiconductor (TI) DP8344 Datasheet HTML 61Page - National Semiconductor (TI) DP8344 Datasheet HTML 62Page - National Semiconductor (TI) DP8344 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 184 page
background image
30 Transceiver (Continued)
325 Line Interface
3251 3270 Line Interface
In the 3270 environment data is transmitted between a con-
trol unit and a device via a single coax cable or twisted pair
cable The coax type is RG62AU with a maximum length of
15 kilometers The twisted pair cable has become more
prevalent to reduce cabling and routing costs Typically a
24 AWG unshielded twisted pair is used to achieve the cost
reduction goals The length of the twisted pair cable is a
minimum of 100 feet to a maximum of 900 feet The 3270
protocol utilizes a transformer to isolate the peripheral from
the cabling system
An effective line interface design must be able to accept
either coax or twisted pair cabling and compensate for
noise jitter and reflections in the cabling system There
must be an adequate amount of jitter tolerance to offset the
effects of filtering and noise Some filtering is needed to
reduce ambient noise caused by surrounding hardware
Such filtering must not introduce transients that the receiver
comparator translates into data jitter
An effective driver design should also attempt to compen-
sate for the filtering effects of the cable Higher data fre-
quencies become attenuated more than lower frequency
signals as cable length is increased yielding greater dispari-
ty in the amplitudes of these signals This effect generates
greater jitter at the receiver The 3270 signal format allows
for a high voltage (predistorted) magnitude and a low volt-
age (nondistorted) magnitude within each data bit time In-
creasing the predistorted-to-nondistorted signal level ratio
counteracts the filtering phenomenon because the lower
frequency signals contain less predistortion than do higher
frequency signals Thus the amplitude of the higher fre-
quency signals is ‘‘boosted’’ more than the lower frequency
signals Unfortunately a low signal level is more susceptible
to reflection-induced errors at short cable length Proper im-
pedance matching and slower edge rates must be utilized to
eliminate as much reflection as possible at these lengths
Additionally shielded or balanced operation must be ade-
quately supported Shielded operation implies the use of
coax cable where balanced implies the use of twisted pair
cable Proper termination should be employed and a termi-
nation slightly greater than the characteristic impedance of
theline may actually provide more desirable waveforms
than a perfectly matched termination Board layout should
make the comparator lines as short as possible Lines
should be placed closely together to avoid the introduction
of differential noise These lines should not pass near
‘‘noisy’’ lines A ground plane should isolate all ‘‘noisy’’
lines
BCP Design
The line interface design for the receiver is shown in
Figure
3-12 An offset of approximately 17 mV separates the com-
parator inputs making the receiver more immune to ambi-
ent noise present on the circuit board A 211 (arranged as
a 31) transformer increases any voltage sensitivity lost by
introducing the offset A bandpass filter is employed to re-
duce edge rate to the comparator and eliminate ambient
noise The bandwidth (30 kHz to 30 MHz) was chosen to
provide sufficient attenuation for noise while producing mini-
mum data jitter
The driver design
Figure 3-13
incorporates a National
Semiconductor DS3487 and a resistor network to generate
the proper signal levels The predistorted-to-nondistorted
ratio was chosen to be about 3 to 1 The coaxtwisted pair
front end
Figure 3-14 includes an ADC brand connector to
switch between coax and twisted pair cable The coax inter-
face has the shield capacitively coupled to ground The
510X resistor and the filter loading produce a termination of
about 95X The twisted pair interface balances both lines
and possesses an input impedance of about 100X This
termination is somewhat higher than the characteristic im-
pedance (about 96X) of twisted pair Terminations of this
type produce reflections that do not tend to generate mid-bit
errors Such terminations have the benefit of creating a larg-
er voltage at the receiver over longer cable lengths For a
more detailed explanation of the 3270 line interface see
Application Note ‘‘A Combined CoaxTwisted Pair 3270
Line Interface for the DP8344 Biphase Communications
Processor’’
3252 5250 Line Interface
The 5250 environment utilizes twinax in a multi-drop config-
uration where eight devices can be ‘‘daisy-chained’’ over a
total distance of 5000 feet and eleven splices (each physi-
cal device is considered a splice) Twinax connectors are
bulky and expensive but are very sturdy Twinaxial cable is
a shielded twisted pair that is nearly
of an inch thick
Legend
A
f To coaxtwisted pair front end
B
f To line driver circuitry
C
f To BCP comparator
Includes board capacitance
TLF9336 – G1
FIGURE 3-12 BCP Receiver Design
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com