| Electronic Components Datasheet Search |
|
DP8344 Datasheet(PDF) 53 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8344 Datasheet(HTML) 53 Page - National Semiconductor (TI) |
|
53 / 184 page ![]() 30 Transceiver (Continued) TLF9336 – 45 FIGURE 3-7 Transmitter Output 322 Receiver The receiver accepts a serial biphase-encoded bit stream strips off the framing information checks for errors and re- formats the data for parallel transfer to the CPU The block diagram in Figure 3-6 depicts the data flow from the serial input(s) to the FIFO’s parallel outputs Note that the FIFO outputs are multiplexed with the Error Code Register ECR outputs The receiver and transmitter share the same TCLK though in the receiver this clock is used only to establish the sam- pling rate for the incoming biphase encoded data All control timing is derived from a clock signal extracted from this data Several status flags and interrupts are made available to the CPU to handle the asynchronous nature of the incom- ing data stream See Figure 3-8 for the timing relationships of these flags and interrupts relative to the incoming data The input source to the decoder can be either the on-chip analog line receiver the DATA-IN input or the output of the transmitter (for on-chip loopback operation) Two bits the Select Line Receiver SLR and Loopback LOOP control this selection For interfacing to the on-chip analog line re- ceiver see Section 3251 3270 Line Interface An example of an external comparator circuit for interfacing to twinax cable in 5250 environments is contained in Section 3252 5250 Line Interface The selected serial data input can be inverted via the Receiver Invert RIN control bit The receiver continually monitors the line sampling at a fre- quency equal to eight times the expected data rate The Line Active flag LA is asserted whenever an input tran- sition is detected and will remain asserted as long as anoth- er input transition is detected within 16 TCLK cycles If an- other transition is not detected in this time frame LA will be de-asserted The propagation delay from the occurrence of the edge to LA being set is approximately 1 transceiver clock cycle This function is independent of the mode of operation of the transceiver LA will continue to respond to input signal transitions even if the transmitter is activated and the receiver disabled If the receiver is not disabled by the transmitter or by assert- ing TRES the decoder will adjust its internal timing to the incoming transitions attempting to synchronize to valid bi- phase-encoded data When synchronization occurs the bi- phase clock will be extracted and the serial NRZ (Non-Re- turn to Zero) data will be analyzed for a valid start se- quence see Figure 3-2(b) The minimum number of line quiesce bits required by the receiver logic is selectable via the Receiver Line Quiesce RLQ control bit If this bit is set high (the power-up condition) three line quiesce bits are required if set low only two are needed Once the start sequence has been recognized the receiver asserts the Receiver Active flag RA and enables the error detection circuitry The propagation delay from the occurrence of the mid-bit edge of the sync bit in the starting sequence to RA being set is approximately 3 transceiver clock cycles The NRZ serial bit stream is now clocked into a serial to parallel shift register and analyzed according to the expect- ed data pattern as defined by the protocol If no errors are detected by the word parity bit the parallel data (up to a total of 11-bits depending on the protocol) is passed to the first location of the FIFO It then propagates asynchronously to the last location in approximately 40 ns at which time the Data Available flag DAV is asserted indicating to the CPU that valid data is available in the FIFO The propagation delay from the occurrence of the mid-bit edge of the parity bit of the frame to DAV being set is approximately 5 trans- ceiver clock cycles Of the possible 11-bits in the last location of the FIFO 8-bits (data byte) are mapped into RTR and the remaining bits (if any) are mapped into the Transceiver Status Register TSR 2–0 The CPU accesses the data byte by reading RTR and the 5250 address field or 3270 control bits by reading TSR When reading the FIFO it is important to note that TSR must be read before RTR since reading RTR advances the FIFO Once DAV has been recog- nized as set by the CPU the data can be read by any in- struction with RTR as the source All instructions with RTR as the source (except BIT CMP JRMK JMP reg- 53 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |