Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 60Page - National Semiconductor (TI) DP8344 Datasheet HTML 61Page - National Semiconductor (TI) DP8344 Datasheet HTML 62Page - National Semiconductor (TI) DP8344 Datasheet HTML 63Page - National Semiconductor (TI) DP8344 Datasheet HTML 64Page - National Semiconductor (TI) DP8344 Datasheet HTML 65Page - National Semiconductor (TI) DP8344 Datasheet HTML 66Page - National Semiconductor (TI) DP8344 Datasheet HTML 67Page - National Semiconductor (TI) DP8344 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 184 page
background image
40 Remote Interface and Arbitration System (RIAS) (Continued)
arbitration logic determines that the BCP is not using data
memory LCL rises relinquishing control of the address and
data buses to the RP The remote access can be delayed at
most one BCP instruction (providing LOR is not set high)
If the CPU is executing a string of data memory accesses
RIAS has an opportunity to break in at the completion of
every instruction The time period between REM-RD or
REM-WR being asserted (with RAE low) and LCL rising is
called the Arbitration Phase It is a minimum of one T-state
but can be increased if the BCP CPU is accessing Data
Memory (local access) or if the BCP has set the Lock Out
Remote bit LOR
The CMD pin is internally latched on the first falling edge of
the CPU-CLK after a remote access has been initiated by
asserting RAE low along with asserting REM-RD or
REM-WR low If the remote interface is asynchronous the
CMD signal must be valid simultaneously or before RAE is
asserted low along with REM-RD or REM-WR being assert-
ed low The value of CMD is only sampled once during each
remote access and will remain in effect for the duration of
the remote access
After the Arbitration Phase has ended the Access Phase
begins Either Data Memory Instruction Memory the Pro-
gram Counter or
RIC
is read or written in this phase
Either INT-READ or INT-WRITE will fall one T-state after
LCL rises These two signals provide the timing for the dif-
ferent types of accesses INT-READ times the transitions on
the AD bus for Remote Reads and forms the external READ
line INT-WRITE clocks data into the PC and
RIC
and
forms the IWR and WRITE lines INT-READ and INT-WRITE
rise with XACK or shortly after
The duration of the Access Phase depends on the type of
memory being accessed Data Memory and Instruction
Memory accesses are subject to any programmed wait
states and all remote accesses are waited by asserting
WAIT low The minimum time in the Access Phase is 2
T-states
The rising edge of XACK indicates the Access Phase has
ended and the Termination Phase has begun If the RP was
doing a read operation this edge indicates that valid data is
available to the RP During the Termination Phase the BCP
is regaining control of the buses LCL falls one T-state after
XACK and since the RP is no longer being waited it can
deassert REM-RD or REM-WR The duration of this phase
is a minimum of one T-state but can be extended depend-
ing on the interface mode chosen in RIC
412 Access Types
There are four types of accesses an RP can make of the
BCP
Remote Interface Control Register RIC
Data Memory (DMEM)
Program Counter (PC)
Instruction Memory (IMEM)
An access of RIC is accomplished by asserting RAE and
REM-RD or REM-WR with the CMD pin asserted high The
Remote
Interface
Configuration
register
is
accessed
through the AD bus as shown in
Figure 4-4(c) A read or
write of RIC can take place while the BCP CPU is execut-
ing instructions Timing for this access is shown in
Figures
4-4(a) and (b) Note that in the Remote Read Figure 4-4(a)
AD does not transition This is because the contents of
RIC
are active on the bus by default The AD bus is in
TRI-STATE during a Remote Write
Figure 4-4(b) while LCL
is high The byte being written to RIC is latched on the
rising edge of XACK and can be seen on AD after LCL falls
The Access Phase in this case is always two T-states (un-
less WAIT is low) because RIC is not subject to any pro-
grammed wait states
TLF9336 – 80
(a) Remote Read Timing (RAE e 0)
TLF9336 – 81
(b) Remote Write Timing (RAE e 0)
TLF9336 – 82
(c) RIC to AD Connectivity
FIGURE 4-4 Generic RIC Access
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com