Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 51Page - National Semiconductor (TI) DP8344 Datasheet HTML 52Page - National Semiconductor (TI) DP8344 Datasheet HTML 53Page - National Semiconductor (TI) DP8344 Datasheet HTML 54Page - National Semiconductor (TI) DP8344 Datasheet HTML 55Page - National Semiconductor (TI) DP8344 Datasheet HTML 56Page - National Semiconductor (TI) DP8344 Datasheet HTML 57Page - National Semiconductor (TI) DP8344 Datasheet HTML 58Page - National Semiconductor (TI) DP8344 Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 184 page
background image
30 Transceiver (Continued)
323 Transceiver Interrupts
The transceiver has access to 3 CPU interrupt vectors one
each for the transmitter and receiver and a third the Line
Turn-Around interrupt providing a fast turn around capability
between receiver and transmitter The receiver interrupt is
the CPU’s highest priority interrupt (excluding NMI) fol-
lowed by the transmitter and Line Turn-Around interrupts
respectively The three interrupt vector addresses and a full
description of the interrupts are given in Table 3-2
The receiver interrupt is user-selectable from 4 possible
sources (only 3 used at present) by specifying a 2-bit field
the Receiver Interrupt Select bits RIS1-0 in the Interrupt
Control Register ICR
A full description is given in Table
3-3
The RFF a RE interrupt occurs only when the receive FIFO
is full (or an error is detected) If the number of frames in a
received message is not exactly divisible by 3 one or two
words could be left in the FIFO at the end of the message
since the CPU would receive no indication of the presence
of that data it is recommended that this interrupt be used
together with the line turn-around interrupt whose service
routine can include a test for whether any data is present in
the receive FIFO
For additional information concerning interrupts refer to
Sections 2113 Interrupt Control Registers and 223 In-
terrupts
324 Protocol Modes
32703299 Modes
As shown in Table 3-1 the transceiver can operate in 4
different 32703299 modes to accommodate applications
of the BCP in different positions in the network The 3270
mode is designed for use in a device or a controller which is
not in a multiplexed environment For a multiplexed network
the 3299 multiplexer and controller modes are designed for
each end of the controller to multiplexer connection the
3299 repeater mode being used for an in-line repeater situ-
ated between controller and multiplexer
For information on how parallel data loaded into the trans-
mit FIFO and unloaded from the receive FIFO maps into the
serial bit positions see
Figure 3-9
To transmit a frame
TCR 3–0
must first be set up with
the correct control information after which the data byte
can be written to
RTR
The resulting composite 12-bit
word is loaded into the transmit FIFO where it propagates
through to the last location to be loaded into the encoder
and formatted for transmission
When formatting a 3270 frame
TCR 2
controls whether
the transmitter is required to format a data frame or a com-
mand frame If TCR 2
is low the transmitter logic calcu-
TABLE 3-2 Transceiver Interrupts
Interrupt
Vector Address
Description
Receiver
000100
User selectable from 4 possible sources see Table 3-3
Transmitter
001000
Set when TFE asserted indicating that the transmit FIFO is empty cleared by
writing to RTR
Note
TRES causes TFE to be asserted
Line Turn-Around
001100
Set when a valid end sequence is detected cleared by writing to RTR
writing
a one to LTA or asserting TRES In 5250 modes interrupt is set when the
last fill bit has been received and no further input transitions are detected Will
not be set in 5250 or 8-bit non-promiscuous modes unless an address match
was received
The interrupt vector is obtained by concatenating
interrupt
IBR
0 0
vector address
vector
IBR with the vector address as shown
15
8
5
0
TABLE 3-3 Receiver Interrupts
Interrupt
RIS10
Description
RFFaRE
0 0
Set when RFF or RE asserted If activated by RFF indicating that the
receive FIFO is full interrupt is cleared by reading from RTR
If activated by
RE indicating that an error has been detected interrupt is cleared by reading
from ECR
DAVaRE
0 1
Set when DAV or RE asserted If activated by DAV
indicating that valid
data is present in the receive FIFO interrupt is cleared by reading from RTR
If
activated by RE indicating that an error has been detected interrupt is cleared
by reading from ECR
Not Used
1 0
Reserved for future product enhancement
RA
1 1
Set when RA asserted indicating the receipt of a valid start sequence cleared
by reading ECR or RTR
All receiver interrupts can be cleared by asserting TRES
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com