Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 137 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 137 Page - Texas Instruments

Back Button DM504 Datasheet HTML 133Page - Texas Instruments DM504 Datasheet HTML 134Page - Texas Instruments DM504 Datasheet HTML 135Page - Texas Instruments DM504 Datasheet HTML 136Page - Texas Instruments DM504 Datasheet HTML 137Page - Texas Instruments DM504 Datasheet HTML 138Page - Texas Instruments DM504 Datasheet HTML 139Page - Texas Instruments DM504 Datasheet HTML 140Page - Texas Instruments DM504 Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 211 page
background image
137
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-70. MMC IOSETs (continued)
SIGNALS
IOSET1
IOSET2
IOSET3
BALL
MUX
BALL
MUX
BALL
MUX
mmc_dat2
E11
5
T11
5
C15
5
mmc_dat3
C11
5
R11
5
A15
5
5.9.6.15 GPIO
The general-purpose interface combines four general-purpose input/output (GPIO) banks. Each GPIO
module provides up to 32 dedicated general-purpose pins with input and output capabilities; thus, the
general-purpose interface supports up to 126 pins.
These pins can be configured for the following applications:
•
Data input (capture)/output (drive)
•
Keyboard interface with a debounce cell
•
Interrupt generation in active mode upon the detection of external events. Detected events are
processed by two parallel independent interrupt-generation submodules to support biprocessor
operations
•
Wake-up request generation in idle mode upon the detection of external events
NOTE
For more information, see the General-Purpose Interface chapter of the Device TRM.
NOTE
The general-purpose input/output i (i = 1 to 4) bank is also referred to as GPIOi.
CAUTION
The IO timings provided in this section are only valid if signals within a single
IOSET are used. The IOSETs are defined in Table 5-71.
In Table 5-71 are presented the specific groupings of signals (IOSET) for use with GPIO.
Table 5-71. GPIO2/3/4 IOSETs
SIGNALS
IOSET1
IOSET2
BALL
MUX
BALL
MUX
GPIO2
gpio2_11
K16
14
gpio2_12
L15
14
gpio2_13
K15
14
gpio2_14
K17
14
gpio2_20
T13
14
gpio2_23
U12
14
U12
14
gpio2_24
T12
14
T12
14
gpio2_27
U11
14
gpio2_28
P12
14
gpio2_29
T11
14
gpio2_30
R11
14
gpio2_31
R10
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com