Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 13 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 9Page - SMSC Corporation FDC37M607 Datasheet HTML 10Page - SMSC Corporation FDC37M607 Datasheet HTML 11Page - SMSC Corporation FDC37M607 Datasheet HTML 12Page - SMSC Corporation FDC37M607 Datasheet HTML 13Page - SMSC Corporation FDC37M607 Datasheet HTML 14Page - SMSC Corporation FDC37M607 Datasheet HTML 15Page - SMSC Corporation FDC37M607 Datasheet HTML 16Page - SMSC Corporation FDC37M607 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 182 page
background image
13
STATUS REGISTER A (SRA)
Address 3F0 READ ONLY
This register is read-only and monitors the state
of
the FINTR pin and several disk
interface pins in PS/2 and Model 30 modes. The
SRA can be accessed at any time when in PS/2
mode. In the PC/AT mode the data bus pins D0
- D7 are held in a high impedance state for a
read of address 3F0.
PS/2 Mode
BIT 0 DIRECTION
Active high status indicating the direction of
head movement. A logic "1" indicates inward
direction; a logic "0" indicates outward direction.
BIT 1 nWRITE PROTECT
Active low status of the WRITE PROTECT disk
interface input. A logic "0" indicates that the disk
is write protected.
BIT 2 nINDEX
Active low status of the INDEX disk interface
input.
BIT 3 HEAD SELECT
Active high status of the HDSEL disk interface
input. A logic "1" selects side 1 and a logic "0"
selects side 0.
BIT 4 nTRACK 0
Active low status of the TRK0 disk interface
input.
BIT 5 STEP
Active high status of the STEP output disk
interface output pin.
BIT 6 nDRV2
Active low status of the DRV2 disk interface
input pin, indicating that a second drive has
been installed.
BIT 7 INTERRUPT PENDING
Active high bit indicating the state of the Floppy
Disk Interrupt output.
7
6
5
4
3
2
1
0
INT
PENDING
nDRV2
STEP
nTRK0 HDSEL nINDX
nWP
DIR
RESET
COND.
0
N/A
0
N/A
0
N/A
N/A
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com