Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 54 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 54 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 50Page - SMSC Corporation FDC37M607 Datasheet HTML 51Page - SMSC Corporation FDC37M607 Datasheet HTML 52Page - SMSC Corporation FDC37M607 Datasheet HTML 53Page - SMSC Corporation FDC37M607 Datasheet HTML 54Page - SMSC Corporation FDC37M607 Datasheet HTML 55Page - SMSC Corporation FDC37M607 Datasheet HTML 56Page - SMSC Corporation FDC37M607 Datasheet HTML 57Page - SMSC Corporation FDC37M607 Datasheet HTML 58Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 182 page
background image
54
Read Deleted Data
This command is the same as the Read Data
command, only it operates on sectors that
contain a Deleted Data Address Mark at the
beginning of a Data Field.
Table 24 describes the effect of the SK bit on
the Read Deleted Data command execution and
results.
Except where noted in Table 24, the C or R
value of the sector address is automatically
incremented (see Table 25).
Table 24 - Skip Bit vs. Read Deleted Data Command
SK BIT
VALUE
DATA ADDRESS
MARK TYPE
ENCOUNTERED
RESULTS
SECTOR
READ?
CM BIT OF
ST2 SET?
DESCRIPTION
OF RESULTS
0
0
1
1
Normal Data
Deleted Data
Normal Data
Deleted Data
Yes
Yes
No
Yes
Yes
No
Yes
No
Address not
incremented.
Next sector not
searched for.
Normal
termination.
Normal
termination.
Sector not read
("skipped").
Normal
termination.
Read A Track
This command is similar to the Read Data
command except that the entire data field is
read continuously from each of the sectors of a
track.
Immediately after encountering a pulse
on the nINDEX pin, the FDC starts to read all
data fields on the track as continuous blocks of
data without regard to logical sector numbers. If
the FDC finds an error in the ID or DATA CRC
check bytes, it continues to read data from the
track and sets the appropriate error bits at the
end of the command. The FDC compares the
ID information read from each sector with the
specified
value
in the
command
and
sets
the ND flag of Status Register 1 to a "1" if there
is no comparison. Multi-track or skip operations
are not allowed with this command. The MT and
SK bits (bits D7 and D5 of the first command
byte respectively) should always be set to "0".
This
command
terminates
when
the
EOT
specified number of sectors has not been read.
If the FDC does not find an ID Address Mark on
the diskette after the second occurrence of a
pulse on the IDX pin, then it sets the IC code in
Status
Register
0
to
"01"
(abnormal
termination), sets the MA bit in Status Register
1 to "1", and terminates the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com